Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1753 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1753
Description  5-Bit Programmable Synchronous Switching Regulator Controller for Pentium III Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1753 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1753_15 Datasheet HTML 8Page - Linear Technology LTC1753_15 Datasheet HTML 9Page - Linear Technology LTC1753_15 Datasheet HTML 10Page - Linear Technology LTC1753_15 Datasheet HTML 11Page - Linear Technology LTC1753_15 Datasheet HTML 12Page - Linear Technology LTC1753_15 Datasheet HTML 13Page - Linear Technology LTC1753_15 Datasheet HTML 14Page - Linear Technology LTC1753_15 Datasheet HTML 15Page - Linear Technology LTC1753_15 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
LTC1753
1753fa
Table 3. Recommended RIMAX Resistor (kΩ) vs Maximum Operating Load Current and External MOSFET Q1
MAXIMUM OPERATING
Si4410
MTD20N03
LOAD CURRENT (A)
Si4410
(TWO IN PARALLEL)
SUD50N03
(TWO IN PARALLEL)
8
820
430
680
1k
10
1.2k
560
820
1.2k
12
—
680
1k
1.5k
14
—
820
1.2k
1.8k
16
—
910
1.5k
2.0k
18
—
1.2k
—
2.2k
fOSC = LTC1753 oscillator frequency = 300kHz
LO = Inductor value
RDS(ON)Q1 = Hot on-resistance of Q1 at ILMAX
IIMAX = Internal 190µA sink current at IMAX
OUTEN and Thermistor Input
The LTC1753 includes a low power shutdown mode,
controlled by the logic at the OUTEN pin. A high at OUTEN
allows the part to operate normally. A low level at OUTEN
stops all internal switching, pulls COMP and SS to ground
internally and turns Q1 and Q2 off. PWRGD is pulled low,
and FAULT is left floating. In shutdown, the LTC1753
quiescent current drops to about 130
µA. The residual
current is used to keep the thermistor sensing circuit at
OUTEN alive. Note that the leakage current of the external
MOSFETs may add to the total shutdown current con-
sumed by the circuit, especially at elevated temperatures.
OUTEN is designed with two thresholds to allow it to also
be utilized for overtemperature protection. The power
MOSFET operating temperature can be monitored with an
external negative temperature coefficient (NTC) thermistor
overloads may not affect the output voltage at all. More
significant overload conditions will allow the SS pin to
reach a steady state, and the output will remain at a
reduced voltage until the overload is removed. Serious
overloads will generate a large overdrive at CC, allowing it
to pull SS down quickly and preventing damage to the
output components.
By using the RDS(ON) of Q1 to measure the output current,
the current limiting circuit eliminates an expensive dis-
crete sense resistor that would otherwise be required. This
helps minimize the number of components in the high
current path. Due to switching noise and variation of
RDS(ON), the actual current limit trip point is not highly
accurate. The current limiting circuitry is primarily meant
to prevent damage to the power supply circuitry during
fault conditions. The exact current level where the limiting
circuit begins to take effect will vary from unit to unit as the
RDS(ON) of Q1 varies.
For a given current limit level, the external resistor from
IMAX to VIN can be determined by:
R
IR
I
IMAX
LMAX
DS ON Q
IMAX
= ()(
)
() 1
where,
II
I
LMAX
LOAD
RIPPLE
=+
2
ILOAD = Maximum load current
IRIPPLE = Inductor ripple current
=
−
()( )
()( )( )
VV
V
fL
V
IN
OUT
OUT
OSC
O
IN
Figure 5. Current Limit Setting
Q1
190
µA
G1
Q2
CIN
LO
VOUT
1753 F05
COUT
RIMAX
VIN
–
+
CC
G2
20
Ω
LTC1753
IMAX
IFB
8
7
+
+
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com