Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1753 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC1753
Description  5-Bit Programmable Synchronous Switching Regulator Controller for Pentium III Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1753 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC1753_15 Datasheet HTML 16Page - Linear Technology LTC1753_15 Datasheet HTML 17Page - Linear Technology LTC1753_15 Datasheet HTML 18Page - Linear Technology LTC1753_15 Datasheet HTML 19Page - Linear Technology LTC1753_15 Datasheet HTML 20Page - Linear Technology LTC1753_15 Datasheet HTML 21Page - Linear Technology LTC1753_15 Datasheet HTML 22Page - Linear Technology LTC1753_15 Datasheet HTML 23Page - Linear Technology LTC1753_15 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
24
LTC1753
1753fa
LT/TP 1201 1.5K REV A • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1998
PART NUMBER DESCRIPTION
COMMENTS
LTC1530
High Power Synchronous Step-Down Controller
SO-8 with Current Limit, No RSENSE
TM Saves Space, Fixed Frequency
Ideal for 5V to 3.3V or Lower
LTC1628
Dual High Efficiency Low Noise Synchronous Step-Down
Constant Frequency, Standby 5V and 3.3V LDOs, 3.5V
≤ VIN ≤ 36V
Switching Regulator
LTC1553L
5-Bit Programmable Synchronous Switching Regulator
DAC Code Conforms to the Intel Pentium II Processor VRM8.2
Controller for Pentium II Processor
DC/DC Converter Specification
LT1585-1.5
Fixed 1.5V, 4.6A and 5A Low Dropout,
GTL+ Power Supplies
Fast Response GTL+ Regulators
LTC1629
PolyPhase
TM High Efficiency Controller
Expandable Up to 12 Phases, 28-Lead SSOP, Up to 200A
LTC1703
2-Phase, Dual Synchronous Controller with VID
Mobile VID Code, Each Output Up to 15A, VIN = 5V for I/O and Core
LTC1706-81
5-Bit VID Programmer
Desktop Pentium III Processors, VIN ≤ 7V
LTC1709
High Efficiency, Synchronous Step-Down Switching Regulator
Current Mode, VIN to 36V, IOUT Up to 42A
with 5-Bit VID
LTC1735
High Efficiency Low Noise Synchronous Step-Down
Drives Synchronous N-Channel FETs, VIN ≤ 36V
Switching Regulator
LTC1772
SOT-23 Step-Down Controller
100% Duty Cycle, Up to 4A, 2.2V to 9.8V VIN
LTC1873
Dual 550kHz Synchronous 2-Phase Switching Regulator
Desktop VID Codes, IOUT Up to 25A on Each Channel, 28-Lead SSOP
Controller with 5-Bit VID
LTC1929
2-Phase, High Efficiency, Synchronous Step-Down
Current Mode Ensures Accurate Current Sensing, VIN Up to 36V,
Switching Regulator
IOUT Up to 42A, 28-Lead SSOP
No RSENSE and PolyPhase are trademarks of Linear Technology Corporation.
RELATED PARTS
Figure 11. Single Supply LTC1753 5V to 1.3V-3.5V Application with Thermal Monitor
PWRGD
FAULT
VID0 TO VID4
OUTEN
COMP
SS
SGND
SENSE
Q1*
Q2*
VCC
PVCC
VIN
5V
LO†
1.3
µH
14A
LTC1753
G1
IFB
G2
VFB
1
µF
5V
1.8k
1753 F11
CC
4700pF
RC
15k
5.6k
5.6k
CSS
0.1
µF
0.1
µF
20
Ω
10
µF
GND
IMAX
820
Ω
CIN**
1200
µF
× 3
VOUT
14A
COUT††
2700
µF
× 5
+
+
C1
150pF
+
5
CPU
DALE
NTHS-1206N02
MOUNT THERMISTER
IN CLOSE THERMAL
PROXIMITY TO Q1
270pF
1N5817
0.1
µF
* SILICONIX Si4410
** SANYO 10MV1200GX
† PANASONIC ETQP 6FIR3LFA
†† SANYO 6MV2700GX
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
TYPICAL APPLICATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com