Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1753 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1753
Description  5-Bit Programmable Synchronous Switching Regulator Controller for Pentium III Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1753 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1753_15 Datasheet HTML 13Page - Linear Technology LTC1753_15 Datasheet HTML 14Page - Linear Technology LTC1753_15 Datasheet HTML 15Page - Linear Technology LTC1753_15 Datasheet HTML 16Page - Linear Technology LTC1753_15 Datasheet HTML 17Page - Linear Technology LTC1753_15 Datasheet HTML 18Page - Linear Technology LTC1753_15 Datasheet HTML 19Page - Linear Technology LTC1753_15 Datasheet HTML 20Page - Linear Technology LTC1753_15 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
LTC1753
1753fa
Figure 7b. Bode Plot of the LTC1753 Overall Transfer Function
Figure 7c. Bode Plot of the LTC1753 Overall Transfer Function
Using a Low ESR Output Capacitor
– 20dB/DECADE
fZ
fCO
fP
fESR
FREQUENCY
1753 F07b
fSW = LTC1753 SWITCHING
FREQUENCY
fCO = CLOSED-LOOP CROSSOVER
FREQUENCY
fLC
poor load transient response despite the improvement in
output voltage ripple.
To resolve this problem, a small capacitor can be con-
nected between the SENSE and VFB pins to create a pole-
zero pair in the loop compensation. The zero location is
prior to the pole location and thus, phase lead can be
added to boost the phase margin at the loop crossover
frequency. The pole and zero locations are located at:
fZC2 =
and
1
2
π(R2)(C2)
fPC2 =
1
2
π(R12)(C2)
where R12 is the parallel combination resistance of R1 and
R2. Choose C2 so that the zero is located at a lower
frequency compared to fCO and the pole location is high
enough that the closed loop has enough phase margin for
stability. Figure 7c shows the Bode plot using phase lead
compensation around the LTC1753 internal resistor
divider network.
Although a mathematical approach to frequency compen-
sation can be used, the added complication of input and/
or output filters, unknown capacitor ESR, and gross
operating point changes with input voltage, load current
variations, all suggest a more practical empirical method.
This can be done by injecting a transient current at the load
and using an RC network box to iterate toward the final
compensation values, or by obtaining the optimum loop
The ESR of the output capacitor forms a zero at the
frequency:
fESR =
1
2
π(ESR)(COUT)
The compensation network at the error amplifier output is
to provide enough phase margin at the 0dB crossover
frequency for the overall closed-loop transfer function.
The zero and pole from the compensation network are:
fZ =
1
2
π(RC)(CC) and
fP =
1
2
π(RC)(C1) respectively.
Figure 7b shows the Bode plot of the overall transfer
function.
The compensation value used in this design is based on
the following criteria: fSW = 12fCO, fZ = fLC and fP = 5fCO. At
the loop crossover frequency fCO, the attenuation due the
LC filter and the input resistor divider is compensated by
the gain of the PWM modulator and the gain of the error
amplifier (gmERR)(RC).
When low ESR output capacitors (Sanyo OS-CON) are
used, the ESR zero can be high enough in frequency that
it provides little phase boost at the loop crossover fre-
quency. Therefore, inadequate phase margin is obtained
for the system. This causes loop stability problems and
– 20dB/DECADE
fP
fZ
fCO
fZC2
fESR
fPC2
FREQUENCY
1753 F07c
fSW = LTC1753 SWITCHING
FREQUENCY
fCO = CLOSED-LOOP CROSSOVER
FREQUENCY
fLC
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com