Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1753 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1753
Description  5-Bit Programmable Synchronous Switching Regulator Controller for Pentium III Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1753 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1753_15 Datasheet HTML 6Page - Linear Technology LTC1753_15 Datasheet HTML 7Page - Linear Technology LTC1753_15 Datasheet HTML 8Page - Linear Technology LTC1753_15 Datasheet HTML 9Page - Linear Technology LTC1753_15 Datasheet HTML 10Page - Linear Technology LTC1753_15 Datasheet HTML 11Page - Linear Technology LTC1753_15 Datasheet HTML 12Page - Linear Technology LTC1753_15 Datasheet HTML 13Page - Linear Technology LTC1753_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
LTC1753
1753fa
FU CTIO TABLES
Table 2. Rated Output Voltage (cont)
INPUT PIN
RATED OUTPUT
VID4
VID3
VID2
VID1
VID0
VOLTAGE (V)
0
0011
1.90
0
0010
1.95
0
0001
2.00
0
0000
2.05
1
1111
SHDN
1
1110
2.1
1
1101
2.2
1
1100
2.3
1
1011
2.4
1
1010
2.5
1
1001
2.6
1
1000
2.7
1
0111
2.8
1
0110
2.9
1
0101
3.0
1
0100
3.1
1
0011
3.2
1
0010
3.3
1
0001
3.4
1
0000
3.5
* With external pull-up resistor
** With respect to the output voltage selected in Table 2
X Don’t care
Table 2. Rated Output Voltage
INPUT PIN
RATED OUTPUT
VID4
VID3
VID2
VID1
VID0
VOLTAGE (V)
0
1111
1.30
0
1110
1.35
0
1101
1.40
0
1100
1.45
0
1011
1.50
0
1010
1.55
0
1001
1.60
0
1000
1.65
0
0111
1.70
0
0110
1.75
0
0101
1.80
0
0100
1.85
Table 1. PWRGD and FAULT Logic
INPUT
OUTPUT*
OUTEN
VSENSE**
FAULT
PWRGD
0X
1
0
1
< 97%
1
0
1
> 97%
1
1
< 103%
1
>103%
1
0
1
> 113%
0
0
OVERVIEW
The LTC1753 is a voltage feedback, synchronous switch-
ing regulator controller (see Block Diagram) designed for
use in high power, low voltage step-down (buck) convert-
ers. It includes an on-chip DAC to control the output
voltage, a PWM generator, a precision reference trimmed
to
±1%, two high power MOSFET gate drivers and all the
necessary feedback and control circuitry to form a com-
plete switching regulator circuit.
The LTC1753 includes a current limit sensing circuit that
uses the upper external power MOSFET as a current
sensing element, eliminating the need for an external
sense resistor. Once the current comparator, CC, detects
an overcurrent condition, the duty cycle is reduced by
discharging the soft-start capacitor through a voltage-
controlled current source. Under severe overloads or
output short circuit conditions, the chip will be repeatedly
forced into soft-start until the short is removed, prevent-
ing the external components from being damaged. Under
output overvoltage conditions, the MOSFET drivers will be
disabled permanently until the chip power supply is
recycled or the OUTEN pin is toggled.
OUTEN can optionally be connected to an external nega-
tive temperature coefficient (NTC) thermistor placed near
the external MOSFETs or the microprocessor. Two thresh-
old levels are provided internally. When OUTEN drops to
1.7V, the G1 and G2 pins will be forced low. If OUTEN is
pulled below 1.2V, the LTC1753 will go into shutdown
mode, cutting the supply current to a minimum. If thermal
shutdown is not required, OUTEN can be connected to a
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com