Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1753 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1753
Description  5-Bit Programmable Synchronous Switching Regulator Controller for Pentium III Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1753 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1753_15 Datasheet HTML 2Page - Linear Technology LTC1753_15 Datasheet HTML 3Page - Linear Technology LTC1753_15 Datasheet HTML 4Page - Linear Technology LTC1753_15 Datasheet HTML 5Page - Linear Technology LTC1753_15 Datasheet HTML 6Page - Linear Technology LTC1753_15 Datasheet HTML 7Page - Linear Technology LTC1753_15 Datasheet HTML 8Page - Linear Technology LTC1753_15 Datasheet HTML 9Page - Linear Technology LTC1753_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
LTC1753
1753fa
Expanded View of Overshoot
Illustrates 0% Duty Cycle
Operation, VOUT = 2.8V
Expanded View of Undershoot
Illustrates 100% Duty Cycle
Operation, VOUT = 2.8V
VOUT
20mV/DIV
G1
10V/DIV
5
µs/DIV
1753 G18
VOUT
20mV/DIV
G1
10V/DIV
5
µs/DIV
1753 G19
the SENSE pin, the initial output voltage can be raised
slightly. Since the internal divider has a nominal imped-
ance of 108k
Ω, a 1100Ω series resistor will raise the
nominal output voltage by 1%. If an external resistor is
used, the value of the 1
µFcapacitorontheSENSEpinmust
be greatly reduced or loop phase margin will suffer. Set a
time constant for the RC combination of approximately
0.1
µs. So, for example, with a 1100Ω resistor, set
C = 90pF. Use a standard 100pF capacitor. In addition, LTC
recommends that the 1
µFcapacitorbeconnectedfromthe
top of the additional external resistor directly to SGND.
IMAX (Pin 7): Current Limit Threshold. Current limit is set
by the voltage drop across an external resistor connected
between the drain of Q1 and IMAX. There is a 190µA internal
pull-down at IMAX.
IFB (Pin 8): Current Limit Sense Pin. Connect to the
switching node between the source of Q1 and the drain of
Q2. If IFB drops below IMAX when G1 is on, the LTC1753
will go into current limit. The current limit circuit can be
disabled by floating IMAX and shorting IFB to VCC.
SS (Pin 9): Soft-Start. Connect to an external capacitor to
implement a soft-start function. During moderate over-
load conditions, the soft-start capacitor will be discharged
slowly in order to reduce the duty cycle. In hard current
limit, the soft-start capacitor will be forced low immedi-
ately and the LTC1753 will rerun a complete soft-start
cycle. CSS must be selected such that during power-up the
current through Q1 will not exceed the current limit value.
G2 (Pin 1): Gate Drive for the Lower N-Channel MOSFET,
Q2. This output will swing from PVCC to GND. It will always
be low when G1 is high or when the output is disabled. To
prevent undershoot during a soft-start cycle, G2 is held
low until G1 first goes high.
PVCC (Pin 2): Power Supply for G1 and G2. PVCC must be
connected to a potential of at least VIN + VGS(ON)Q1. For
normal applications, connect PVCC to a 12V power supply
or generate PVCC using a simple charge pump.
GND (Pin 3): Power Ground. GND should be connected to
a low impedance ground plane in close proximity to the
source of Q2.
SGND (Pin 4): Signal Ground. SGND is connected to the
low power internal circuitry and should be connected to
the negative terminal of the output capacitor where it
returns to the ground plane. GND and SGND should be
shorted directly at the LTC1753.
VCC (Pin 5): Power Supply. Power for the internal low
power circuity. VCC should be wired separately from the
drain of Q1 if they share the same supply. A 10
µF bypass
capacitor is recommended from this pin to SGND.
SENSE (Pin 6): Output Voltage Pin. Connect to the positive
terminal of the output capacitor. There is an internal 108k
resistor connected from this pin to SGND. SENSE is a very
sensitive pin; for optimum performance, connect an exter-
nal 1
µF capacitor from this pin to SGND. By connecting a
small external resistor between the output capacitor and
TYPICAL PERFOR A CE CHARACTERISTICS
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com