Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1753 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1753
Description  5-Bit Programmable Synchronous Switching Regulator Controller for Pentium III Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1753 Datasheet(HTML) 1 Page - Linear Technology

  LTC1753_15 Datasheet HTML 1Page - Linear Technology LTC1753_15 Datasheet HTML 2Page - Linear Technology LTC1753_15 Datasheet HTML 3Page - Linear Technology LTC1753_15 Datasheet HTML 4Page - Linear Technology LTC1753_15 Datasheet HTML 5Page - Linear Technology LTC1753_15 Datasheet HTML 6Page - Linear Technology LTC1753_15 Datasheet HTML 7Page - Linear Technology LTC1753_15 Datasheet HTML 8Page - Linear Technology LTC1753_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
LTC1753
1753fa
5-Bit Programmable
Synchronous Switching
Regulator Controller for
Pentium
® III Processor
The LTC
®1753 is a high power, high efficiency switching
regulator controller optimized for 5V input to a digitally
programmable 1.3V-3.5V output. The internal 5-bit DAC
programs the output voltage from 1.3V to 2.05V in 50mV
increments and from 2.1V to 3.5V in 100mV increments. The
precision internal reference and an internal feedback system
provide an output accuracy of
±1.5% at room temperature
and typically
±2% over temperature, load current and line
voltage shifts. The LTC1753 uses a synchronous switching
architecture with two external N-channel output devices,
providing high efficiency and eliminating the need for a high
power, high cost P-channel device. Additionally, it senses the
output current across the on-resistance of the upper N-
channel FET, providing an adjustable current limit without an
external low value sense resistor.
The LTC1753 free-runs at 300kHz and can be synchronized
to a faster external clock if desired. It provides a phase lead
compensation scheme and under harsh loading conditions,
the PWM duty cycle can be momentarily forced to 0% or
100% to reduce the output voltage recovery time.
Figure 1. 5V to 1.3V-3.5V Supply Application
, LTC and LT are registered trademarks of Linear Technology Corporation.
Pentium is a registered trademark of Intel Corporation.
AMD-K6 is a registered trademark of Advanced Micro Devices, Inc.
s
5-Bit Digitally Programmable 1.3V to 3.5V Fixed
Output Voltage, VRM 8.4 Compliant
s
Fast Transient Response: 0% to 100% Duty Cycle
s
Phase Lead Compensation for Remote Sensing
s
Overtemperature Protection
s
Flags for Power Good and Overvoltage Fault
s
19A Output Current Capability from a 5V Supply
s
Dual N-Channel MOSFET Synchronous Driver
s
Initial Output Accuracy:
±1.5%
s
Excellent Output Accuracy:
±2% Typ Over Line,
Load and Temperature Variations
s
High Efficiency: Over 95% Possible
s
Adjustable Current Limit Without External Sense
Resistors
s
Available in 2O-Lead SSOP and SW Packages
s
Power Supply for Pentium
® III, AMD-K6®-2, SPARC,
ALPHA and PA-RISC Microprocessors
s
High Power 5V to 1.3V-3.5V Regulators
PWRGD
FAULT
VID0 TO VID4
OUTEN
COMP
SS
SGND
GND
SENSE
10
µF
Q1*
20
Ω
Q2*
Q2A*
Q1A*
0.1
µF
VCC
IMAX
PVCC
PVCC
12V
VIN
5V
LO†
1.3
µH
18A
LTC1753
G1
IFB
VFB
+
1
µF
NC
1753 F01
CC
4700pF
RC
15k
600
Ω
5.6k
5.6k
CSS
0.1
µF
+
0.1
µF
10
µF
CIN**
1200
µF
× 4
VOUT
1.3V TO
3.5V
14A
COUT††
2700
µF
× 5
+
C1
150pF
+
5
* SILICONIX SUD50N03-10
** SANYO 10MV1200GX
† PANASONIC ETQP 6FIR3LFA
†† SANYO 6MV2700GX
CPU
G2
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LTC1753_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1753CG LINER-LTC1753CG Datasheet
269Kb / 24P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium III Processor
LTC1753CSW LINER-LTC1753CSW Datasheet
269Kb / 24P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium III Processor
More results

Similar Description - LTC1753_15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6911B STMICROELECTRONICS-L6911B Datasheet
50Kb / 7P
5 BIT PROGRAMMABLE POWER SUPPLY CONTROLLER FOR PENTIUM II PROCESSOR
Apr-1999
logo
Analog Devices
ADP3152 AD-ADP3152 Datasheet
274Kb / 12P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
REV.0
ADP3154 AD-ADP3154 Datasheet
187Kb / 12P
5-Bit Programmable Dual Power Supply Controller for Pentium III Processors
REV.A
ADP3155 AD-ADP3155 Datasheet
200Kb / 14P
5-Bit Programmable Triple Power Supply Controller for Pentium III Processors
ADP3157 AD-ADP3157 Datasheet
173Kb / 12P
5-Bit Programmable Synchronous Controller for Pentium III Processors
REV.A
logo
Linear Technology
LTC1553 LINER-LTC1553 Datasheet
399Kb / 24P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
LTC1553L LINER-LTC1553L Datasheet
370Kb / 20P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
LTC1753 LINER-LTC1753 Datasheet
269Kb / 24P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium III Processor
LTC1553 LINER-LTC1553_15 Datasheet
349Kb / 24P
5-Bit Programmable Synchronous Switching Regulator Controller
LTC1553L LINER-LTC1553L_15 Datasheet
321Kb / 20P
5-Bit Programmable Synchronous Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com