Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1753 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1753
Description  5-Bit Programmable Synchronous Switching Regulator Controller for Pentium III Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1753 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1753_15 Datasheet HTML 12Page - Linear Technology LTC1753_15 Datasheet HTML 13Page - Linear Technology LTC1753_15 Datasheet HTML 14Page - Linear Technology LTC1753_15 Datasheet HTML 15Page - Linear Technology LTC1753_15 Datasheet HTML 16Page - Linear Technology LTC1753_15 Datasheet HTML 17Page - Linear Technology LTC1753_15 Datasheet HTML 18Page - Linear Technology LTC1753_15 Datasheet HTML 19Page - Linear Technology LTC1753_15 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
LTC1753
1753fa
Note that capacitor manufacturers’ ripple current ratings
are often based on only 2000 hours (three months)
lifetime at rated temperature. Further derating of the input
capacitor ripple current beyond the manufacturer’s speci-
fication is recommended to extend the useful life of the
circuit. Lower operating temperature will have the largest
effect on capacitor longevity.
The output capacitor in a buck converter sees much less
ripple current under steady-state conditions than the input
capacitor. Peak-to-peak current is equal to that in the
inductor, usually 10% to 40% of the total load current.
Output capacitor duty places a premium not on power
dissipation but on ESR. During an output load transient,
the output capacitor must supply all of the additional load
current demanded by the load until the LTC1753 can
adjust the inductor current to the new value. Output
capacitor ESR results in a step in the output voltage equal
to the ESR value multiplied by the change in load current.
An 11A load step with a 0.05
Ω ESR output capacitor will
result in a 550mV output voltage shift; this is 19.6% of the
output voltage for a 2.8V supply! Because of the strong
relationship between output capacitor ESR and output
load transient response, the output capacitor is usually
chosen for ESR, not for capacitance value; a capacitor with
suitable ESR will usually have a larger capacitance value
than is needed for energy storage.
Electrolytic capacitors rated for use in switching power
supplies with specified ripple current ratings and ESR can
be used effectively in LTC1753 applications. OS-CON
electrolytic capacitors from Sanyo and other manufactur-
ers give excellent performance and have a very high
performance/size ratio for electrolytic capacitors. Surface
mount applications can use either electrolytic or dry
tantalum capacitors. Tantalum capacitors must be surge
tested and specified for use in switching power supplies.
Low cost, generic tantalums are known to have very short
lives followed by explosive deaths in switching power
supply applications. AVX TPS series surface mount
devices are popular surge tested tantalum capacitors that
work well in LTC1753 applications.
A common way to lower ESR and raise ripple current
capability is to parallel several capacitors. A typical LTC1753
application might exhibit 5A input ripple current. Sanyo
OS-CON part number 10SA220M (220
µF/10V) capacitors
feature 2.3A allowable ripple current at 85
°C; three in
parallel at the input (to withstand the input ripple current)
will meet the above requirements. Similarly, AVX
TPSE337M006R0100 (330
µF/6V) have a rated maximum
ESR of 0.1
Ω; seven in parallel will lower the net output
capacitor ESR to 0.014
Ω. For low cost application, Sanyo
MV-GX series of capacitors can be used with acceptable
performance. The small size, low profile Sanyo OS-CON
4SP820M comes with extremely low ESR (typically 0.008
Ω
at room temperature). This is an excellent choice for
output capacitor usage. However, due to the low ESR, it
requires attention to frequency compensation. Refer to
the Feedback Loop Compensation section for details.
Feedback Loop Compensation
The LTC1753 voltage feedback loop is compensated at the
COMP pin, attached to the output node of the internal gm
error amplifier. The feedback loop can generally be com-
pensated properly with an RC + C network from COMP to
GND as shown in Figure 7a.
Loop stability is affected by the values of the inductor,
output capacitor, output capacitor ESR, FET RDS(ON), error
amplifier transconductance and error amplifier compen-
sation network. The inductor and the output capacitor
create a double pole at the frequency:
fLC =
1
2
π√(LO)(COUT)
1753 F07a
DAC
LTC1753
SENSE
COMP
RC
VFB
CC
C1
R2
R1
1
µF
C2
ERR
6
10
11
Figure 7a. Compensation Pin Hook-Up
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com