Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2821 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX2821
Description  2.4GHz 802.11b Zero-IF Transceivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2821 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2821 Datasheet HTML 1Page - Maxim Integrated Products MAX2821 Datasheet HTML 2Page - Maxim Integrated Products MAX2821 Datasheet HTML 3Page - Maxim Integrated Products MAX2821 Datasheet HTML 4Page - Maxim Integrated Products MAX2821 Datasheet HTML 5Page - Maxim Integrated Products MAX2821 Datasheet HTML 6Page - Maxim Integrated Products MAX2821 Datasheet HTML 7Page - Maxim Integrated Products MAX2821 Datasheet HTML 8Page - Maxim Integrated Products MAX2821 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
General Description
The MAX2820/MAX2821 single-chip zero-IF transceivers
are designed for the 802.11b (11Mbps) applications
operating in the 2.4GHz to 2.5GHz ISM band. The trans-
ceivers are nearly identical, except the MAX2821 pro-
vides a low-power shutdown mode and an analog
voltage reference output feature and the MAX2820 does
not. The transceivers include all the circuitry required to
implement an 802.11b RF-to-baseband transceiver solu-
tion, providing a fully integrated receive path, transmit
path, VCO, frequency synthesis, and baseband/control
interface. Only a PA, RF switch, RF BPF, and a small
number of passive components are needed to form the
complete radio front-end solution.
The ICs eliminate the need for external IF and base-
band filters by utilizing a direct-conversion radio archi-
tecture and monolithic baseband filters for both
receiver and transmitter. They are specifically opti-
mized for 802.11b (11Mbps CCK) applications. The
baseband filtering and RX and TX signal paths support
the CCK modulation scheme for BER = 10-5 at the
required sensitivity levels.
The devices are suitable for the full range of 802.11b
data rates (1Mbps, 2Mbps, 5.5Mbps, and 11Mbps) and
also the higher-rate 22Mbps PBCCTM standard. The
MAX2820/MAX2821 are available in the very small 7mm
× 7mm 48-lead QFN package.
Applications
802.11b 11Mbps WLAN
802.11b+ 22Mbps PBCC High-Data-Rate WLAN
802.11a + b Dual-Band WLAN
2.4GHz ISM Band Radios
Features
o 2.4GHz to 2.5GHz ISM Band Operation
o 802.11b (11Mbps CCK and 22Mbps PBCC) PHY
Compatible
o Complete RF-to-Baseband Transceiver
Direct-Conversion Upconverters and
Downconverters
Monolithic Low-Phase-Noise VCO
Integrated Baseband Lowpass Filters
Integrated PLL with 3-Wire Serial Interface
Digital Bias Control for External PA
Transmit Power Control (Range > 25dB)
Receive Baseband AGC (Range > 65dB)
Complete Baseband Interface
Digital TX/RX Mode Control
Analog Receive Level Detection
o -97dBm RX Sensitivity at 1Mbps
o -87dBm RX Sensitivity at 11Mbps
o +2dBm Transmit Power (11Mbps CCK)
o Single +2.7V to +3.6V Supply
o Low-Current Shutdown Mode (MAX2821 only)
o Very Small 48-Pin QFN Package (s)
2.4GHz 802.11b Zero-IF Transceivers
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-2493; Rev 2; 11/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX2820EGM-TD
-40
°C to +85°C
48 QFN
MAX2820ETM+TD
-40
°C to +85°C
48 QFN Lead Free
MAX2821EGM-TD
-40
°C to +85°C
48 QFN
MAX2821ETM+TD
-40
°C to +85°C
48 QFN Lead Free
Pin Configuration/Functional Diagram and Typical
Application Circuit appear at end of data sheet.
PBCC is a trademark of Texas Instruments, Inc.


Similar Part No. - MAX2821

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2821AETM+TD MAXIM-MAX2821AETM+TD Datasheet
605Kb / 26P
2.4GHz 802.11b Zero-IF Transceivers
Rev 5; 5/05
MAX2821AETM-TD MAXIM-MAX2821AETM-TD Datasheet
605Kb / 26P
2.4GHz 802.11b Zero-IF Transceivers
Rev 5; 5/05
logo
KOA Speer Electronics, ...
MAX2821ETM KOA-MAX2821ETM Datasheet
605Kb / 26P
2.4GHz 802.11b Zero-IF Transceivers
logo
Maxim Integrated Produc...
MAX2821ETM MAXIM-MAX2821ETM Datasheet
605Kb / 26P
2.4GHz 802.11b Zero-IF Transceivers
Rev 5; 5/05
MAX2821ETM+TD MAXIM-MAX2821ETM+TD Datasheet
605Kb / 26P
2.4GHz 802.11b Zero-IF Transceivers
Rev 5; 5/05
More results

Similar Description - MAX2821

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3683A INTERSIL-HFA3683A Datasheet
187Kb / 17P
2.4GHz RF/IF Converter and Synthesizer
June 2000
logo
Maxim Integrated Produc...
MAX2822 MAXIM-MAX2822 Datasheet
542Kb / 28P
2.4GHz 802.11b Zero-IF Transceiver with Integrated PA and Tx/Rx Switch
Rev 0; 7/03
logo
KOA Speer Electronics, ...
MAX2821ETM KOA-MAX2821ETM Datasheet
605Kb / 26P
2.4GHz 802.11b Zero-IF Transceivers
logo
Maxim Integrated Produc...
MAX2821ETM MAXIM-MAX2821ETM Datasheet
605Kb / 26P
2.4GHz 802.11b Zero-IF Transceivers
Rev 5; 5/05
logo
RF Micro Devices
RF5325 RFMD-RF5325 Datasheet
698Kb / 12P
3.3V, 2.4GHZ 802.11b/g/n WIFI FRONT END MODULE
RF5375 RFMD-RF5375 Datasheet
1Mb / 12P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5755 RFMD-RF5755 Datasheet
1Mb / 15P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8202 RFMD-RFFM8202 Datasheet
241Kb / 8P
2.4GHz to 2.5GHz 802.11b/g/n WiFi Front End Module
RFFM8204 RFMD-RFFM8204 Datasheet
555Kb / 8P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
logo
Qorvo, Inc
RF5565 QORVO-RF5565 Datasheet
1Mb / 14P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi 2.4GHz TO 2.5GHz, 802.11b/g/n WiFi
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com