Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2821 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX2821
Description  2.4GHz 802.11b Zero-IF Transceivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2821 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX2821 Datasheet HTML 9Page - Maxim Integrated Products MAX2821 Datasheet HTML 10Page - Maxim Integrated Products MAX2821 Datasheet HTML 11Page - Maxim Integrated Products MAX2821 Datasheet HTML 12Page - Maxim Integrated Products MAX2821 Datasheet HTML 13Page - Maxim Integrated Products MAX2821 Datasheet HTML 14Page - Maxim Integrated Products MAX2821 Datasheet HTML 15Page - Maxim Integrated Products MAX2821 Datasheet HTML 16Page - Maxim Integrated Products MAX2821 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
2.4GHz 802.11b Zero-IF Transceivers
______________________________________________________________________________________
13
Pin Description (continued)
PIN
NAME
DESCRIPTION
20
VCC_DIG
Supply Voltage for Digital Circuitry. Bypass with capacitor as close to the pin as possible. Do not
share the bypass capacitor ground vias with other branches.
21
N.C.
No Connection. Not internally connected.
22
ROSCP
Reference Oscillator Positive Input. Analog, high-impedance differential input. DC-coupled. Requires
external AC-coupling. Connect an external reference oscillator to this analog input.
23
ROSCN
Reference Oscillator Negative Input. Analog, high-impedance differential input. DC-coupled.
Requires external AC-coupling. Bypass this analog input to ground with capacitor for single-ended
operation.
24
DIN
3-Wire Serial Interface Data Input. Digital, high-impedance input. Connect directly to baseband IC
serial interface CMOS output. (SPI/QSPI/MICROWIRE compatible)
25
SCLK
3-Wire Serial Interface Clock Input. Digital, high-impedance input. Connect this digital input directly to
baseband IC serial interface CMOS output. (SPI/QSPI/MICROWIRE compatible).
26
CSB
3-Wire Serial Interface Enable Input. Digital, high-impedance input. Connect directly to baseband IC
serial interface CMOS output. (SPI/QSPI/MICROWIRE compatible)
27
VCC_CP
Supply Voltage for PLL Charge Pump. Bypass with capacitor as close to the pin as possible. Do not
share the bypass capacitor ground vias with other branches.
28
CP_OUT
PLL Charge-Pump Output. Analog, high-impedance output. Current source. Connect directly to the
PLL loop filter input.
29
GND_CP
PLL Charge-Pump Ground. Connect to PC board ground plane.
30
GND_VCO
VCO Ground. Connect to PC board ground plane.
31
TUNE
VCO Frequency Tuning Input. Analog voltage input. High impedance. Connect directly to the PLL
loop filter output.
32
BYP
VCO Bias Bypass Pin. Bypass with a 2000pF capacitor to ground.
33
VCC_VCO
Supply Voltage for VCO. Bypass with capacitor as close to the pin as possible. Do not share the
bypass capacitor ground vias with other branches. Important note: Operate off separate regulated
supply voltage.
34
VCC_LO
Supply Voltage for VCO, LO Buffers, and LO Quadrature Circuitry. Bypass with capacitor as close to
the pin as possible. Do not share the bypass capacitor ground vias with other branches.
35
VCC_RXF
Supply Voltage for Receiver Baseband Filter. Bypass with capacitor as close to the pin as possible.
Do not share the bypass capacitor ground vias with other branches.
36
SHDNB
Active Low Shutdown Input. Digital CMOS input. High impedance. Connect directly to baseband IC
mode control CMOS output. Logic low to disable all device functions. Logic high to enable normal
chip operation.
37
DOUT
Serial Interface Data Output. Digital CMOS output. Optional connection.
38
RX_1K
Receiver 1kHz Highpass Bandwidth Control. Digital CMOS input. Connect directly to baseband IC
CMOS output. Controls receiver baseband highpass -3dB corner frequency; logic low for 10kHz,
logic high for 1kHz. See the Applications Information section for proper use of this function.
SPI and QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com