Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2821 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2821
Description  2.4GHz 802.11b Zero-IF Transceivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2821 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2821 Datasheet HTML 1Page - Maxim Integrated Products MAX2821 Datasheet HTML 2Page - Maxim Integrated Products MAX2821 Datasheet HTML 3Page - Maxim Integrated Products MAX2821 Datasheet HTML 4Page - Maxim Integrated Products MAX2821 Datasheet HTML 5Page - Maxim Integrated Products MAX2821 Datasheet HTML 6Page - Maxim Integrated Products MAX2821 Datasheet HTML 7Page - Maxim Integrated Products MAX2821 Datasheet HTML 8Page - Maxim Integrated Products MAX2821 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2.4GHz 802.11b Zero-IF Transceivers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(MAX2820/MAX2821 EV kit: VCC = +2.7V to +3.6V, RF_GAIN = VIH, 0V
≤ VTX_GC ≤ +2.0V, 0V ≤ VRX_AGC ≤ +2.0V, RBIAS = 12kΩ, no
input signals at RF and baseband inputs, all RF inputs and outputs terminated into 50
Ω, receiver baseband outputs are open, trans-
mitter baseband inputs biased at +1.2V, registers set to default power-up settings, TA = -40
°C to +85°C, unless otherwise noted.
Typical values are at VCC = +2.7V, TA = +25
°C, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC Pins to GND ...................................................-0.3V to +4.2V
RF Inputs: RX_RFP, RX_RFN to GND.........-0.3V to (VCC + 0.3V)
RF Outputs: TX_RFP, TX_RFN to GND..................-0.3V to +4.2V
Baseband Inputs: TX_BBIP, TX_BBIN, TX_BBQP,
TX_BBQN to GND ...................................-0.3V to (VCC + 0.3V)
Baseband Outputs: RX_BBIP, RX_BBIN, RX_BBQP,
RX_BBQN to GND ...................................-0.3V to (VCC + 0.3V)
Analog Inputs: RX_AGC, TX_GC, TUNE, ROSCN,
ROSCP to GND .......................................-0.3V to (VCC + 0.3V)
Analog Outputs: PA_BIAS, CP_OUT, VREF
to GND....................................................-0.3V to (VCC + 0.3V)
Digital Inputs: RX_ON, TX_ON, SHDNB, CSB, SCLK,
DIN, RF_GAIN, RX_1K to GND...............-0.3V to (VCC + 0.3V)
Bias Voltages: RBIAS, BYP ..................................+0.9V to +1.5V
Short-Circuit Duration Digital Outputs: DOUT, RX_DET .........10s
RF Input Power: RX_RFN, RX_RFP.................................+10dBm
Continuous Power Dissipation (TA = +70
°C)
48-Lead QFN (derate 27.0mW/
°C above +70°C) .....2162mW
Operating Temperature Range ...........................-40
°C to +85°C
Junction Temperature ......................................................+150
°C
Storage Temperature Range .............................-65
°C to +160°C
Lead Temperature (soldering, 10s) .................................+300
°C
PARAMETERS
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
2.7
3.6
V
Shutdown-Mode Supply Current
(MAX2821 Only)
SHDNB = VIL, RX_ON = VIL,
TX_ON = VIL
TA = -40°C to +85
°C
2
50
µA
TA = +25°C25
35
Standby-Mode Supply Current
SHDNB = VIH, RX_ON = VIL,
TX_ON = VIL
TA = -40°C to +85
°C40
mA
TA = +25°C
80
100
Receive-Mode Supply Current
SHDNB = VIH, RX_ON = VIH,
TX_ON = VIL
TA = -40°C to +85
°C
110
mA
TA = +25
°C70
85
Transmit-Mode Supply Current
SHDNB = VIH, RX_ON = VIL,
TX_ON = VIH
TA = -40°C to +85
°C90
mA
LOGIC INPUTS: SHDNB, RX_ON, TX_ON, SCLK, DIN, CSB, RF_GAIN
Digital Input Voltage High (VIH)VCC - 0.5
V
Digital Input Voltage Low (VIL)
0.5
V
Digital Input Current High (IIH)-5
+5
µA
Digital Input Current Low (IIL)-5
+5
µA
LOGIC OUTPUTS: DOUT, RX_DET
Digital Output Voltage High (VOH) Sourcing 100µA
VCC - 0.5
V
Digital Output Voltage Low (VOL)
Sinking 100µA
0.5
V
RX BASEBAND I/O
RX_AGC Input Resistance
0V
≤ VRX_AGC ≤ +2.0V
50
k
Ω
RX I/Q Common-Mode Voltage
1.25
V
RX I/Q Output DC Offsets
15
mV
VOLTAGE REFERENCE
Reference Voltage Output
TA = -40°C to +85°C, ILOAD = ±2mA
1.1
1.2
1.3
V
Output Impedance
25
Ω
CAUTION! ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com