Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2821 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX2821
Description  2.4GHz 802.11b Zero-IF Transceivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2821 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX2821 Datasheet HTML 12Page - Maxim Integrated Products MAX2821 Datasheet HTML 13Page - Maxim Integrated Products MAX2821 Datasheet HTML 14Page - Maxim Integrated Products MAX2821 Datasheet HTML 15Page - Maxim Integrated Products MAX2821 Datasheet HTML 16Page - Maxim Integrated Products MAX2821 Datasheet HTML 17Page - Maxim Integrated Products MAX2821 Datasheet HTML 18Page - Maxim Integrated Products MAX2821 Datasheet HTML 19Page - Maxim Integrated Products MAX2821 Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
2.4GHz 802.11b Zero-IF Transceivers
16
______________________________________________________________________________________
Programmable Registers
The MAX2820/MAX2821 contain programmable regis-
ters to control various modes of operation for the major
circuit blocks. The registers can be programmed
through the 3-wire SPI/QSPI/MICROWIRE-compatible
serial port. The MAX2820/MAX2821 include five pro-
grammable registers:
1) Block-enable register
2) Synthesizer register
3) Channel frequency register
4) Receiver settings register
5) Transmitter settings register
Each register consists of 16 bits. The four most signifi-
cant bits (MSBs) are the register’s address. The twelve
least significant bits (LSBs) are used for register data.
Table 2 summarizes the register configuration. A
detailed description of each register is provided in
Tables 3–6.
Data is shifted in the MSB first. The data sent to the
MAX2820/MAX2821, in 16-bit words, is framed by CSB.
When CSB is low, the clock is active and data is shifted
with the rising edge of the clock. When CSB transitions
to high, the shift register is latched into the register
selected by the contents of the address bits. Only the
last 16 bits shifted into the MAX2820/MAX2821 are
retained in the shift register. No check is made on the
number of clock pulses. Figure 1 documents the serial
interface timing for the MAX2820/MAX2821.
Power-Up Default States
The MAX2820/MAX2821 provide power-up loading of
default states for each of the registers. The states are
loaded on a VCC_DIG supply voltage transition from 0V
to VCC. The default values are retained until repro-
grammed through the serial interface or the power sup-
ply voltage is taken to 0V. The default state of each
register is described in Table 3. Note: Putting the IC in
shutdown mode does not change the contents of the
programming registers.
Block-Enable Register
The block-enable register permits individual control of the
enable state for each major circuit block in the
MAX2820/MAX2821. The actual enable condition of the
circuit block is a logical function of the block-enable bit
setting and other control input states. Table 4 documents
the logical definition of state for each major circuit block.
Synthesizer Register
The synthesizer register (SYNTH) controls the reference
frequency divider and charge-pump current of the PLL.
See Table 5 for a description of the bit settings.
Channel Frequency Register
The channel frequency register (CHANNEL) sets the
RF carrier frequency for the MAX2820/MAX2821. The
channel is programmed as a number from 0 to 99. The
actual frequency is 2400 + channel in MHz. The default
setting is 37 for 2437MHz. See Table 6 for a description
of the bit settings.
Receiver Settings Register
The receive settings register (RECEIVE) controls the
receive filter -3dB corner frequency, RX level detector
midpoint, and VGA DC offset nulling parameters. The
defaults are intended to provide proper operation.
However, the filter frequency and detector can be modi-
fied if desired. Do not reprogram VGA DC offset nulling
parameters. These settings were optimized during devel-
opment. See Table 7 for a description of the bit settings.
Transmitter Settings Register
The transmitter settings register (TRANSMIT) controls
the 4-bit PA bias DAC. The 4 bits correspond to a PA
bias current between 0 and full scale (~300µA). See
Table 8 for the bit settings.
4 ADDRESS BITS
12 DATA BITS
A3
A2
A1
A0
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
REGISTER
NAME
MSB
15
14
13
12
11
10
987
65
4
3
2
LSB
ENABLE
0001
E11
E10
E9
E8
E7
E6
E5
E4
E3
E2
E1
E0
SYNTH
0010
XXXX
PD
ICP
R5
R4
R3
R2
R1
R0
CHANNEL
0011
XXXXX
CF6
CF5
CF4
CF3
CF2
CF1
CF0
RECEIVE
0100
2C2
2C1
2C0
1C2
1C1
1C0
DL1
DL0
SF
BW2
BW1
BW0
TRANSMIT
0101
XXXXXX
XX
PA3
PA2
PA1
PA0
Table 2. Programming Register Definition Summary (Address and Data)
X = Don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com