Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2821 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX2821
Description  2.4GHz 802.11b Zero-IF Transceivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2821 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX2821 Datasheet HTML 15Page - Maxim Integrated Products MAX2821 Datasheet HTML 16Page - Maxim Integrated Products MAX2821 Datasheet HTML 17Page - Maxim Integrated Products MAX2821 Datasheet HTML 18Page - Maxim Integrated Products MAX2821 Datasheet HTML 19Page - Maxim Integrated Products MAX2821 Datasheet HTML 20Page - Maxim Integrated Products MAX2821 Datasheet HTML 21Page - Maxim Integrated Products MAX2821 Datasheet HTML 22Page - Maxim Integrated Products MAX2821 Datasheet HTML 23Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
2.4GHz 802.11b Zero-IF Transceivers
22
______________________________________________________________________________________
Typical Application Circuit
VCC_DRVR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
VCC_LNA
VREF
(MAX2821 ONLY)
RF_GAIN
RX_RFN
RX_RFP
VCC_REF
RBIAS
TX_RFP
TX_RFN
PA_BIAS
TX_GC
SHDNB
VCC_RXF
VCC_LO
VCC_VCO
BYP
TUNE
GND_VCO
GND_CP
CP_OUT
VCC_CP
CSB
SCLK
LOOP FILTER
MAX2820/
MAX2821
PROGRAMMING AND
MODE CONTROL
RX LEVEL
DETECTOR
90
0
90
0
∑
INTEGER-N
SYNTHESIZER
SERIAL
INTERFACE
VOS COMP
DIGITAL MODE CONTROL SIGNALS
FROM/TO BASEBAND IC
TX ANALOG INPUT SIGNAL
FROM BASEBAND IC
REFERENCE
OSCILLATOR INPUT
RX ANALOG OUTPUT SIGNAL
TO BASEBAND IC
DIGITAL MODE CONTROL
SIGNALS TO/FROM BASEBAND IC
RX GAIN-CONTROL SIGNALS
TO/FROM BASEBAND IC
RX RF INPUT FROM
SWITCH AND BPF
TX RF OUTPUT TO
SWITCH AND BPF
SERIAL INTERFACE
TO BASEBAND IC
DAC OUTPUT
FROM BASEBAND IC
TO PA BIAS INPUT
DAC OUTPUT
FROM BASEBAND IC
OPTIONAL CONNECTION
TO BASEBAND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com