Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2821 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX2821
Description  2.4GHz 802.11b Zero-IF Transceivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2821 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX2821 Datasheet HTML 2Page - Maxim Integrated Products MAX2821 Datasheet HTML 3Page - Maxim Integrated Products MAX2821 Datasheet HTML 4Page - Maxim Integrated Products MAX2821 Datasheet HTML 5Page - Maxim Integrated Products MAX2821 Datasheet HTML 6Page - Maxim Integrated Products MAX2821 Datasheet HTML 7Page - Maxim Integrated Products MAX2821 Datasheet HTML 8Page - Maxim Integrated Products MAX2821 Datasheet HTML 9Page - Maxim Integrated Products MAX2821 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
2.4GHz 802.11b Zero-IF Transceivers
6
_______________________________________________________________________________________
AC ELECTRICAL CHARACTERISTICS—SYNTHESIZER
(MAX2820/MAX2821 EV kit: VCC = +2.7V to +3.6V, fRF and fLO = 2400MHz to 2499MHz, fOSC = 22MHz or 44MHz, SHDNB = VIH,
CSB = VIH, RBIAS = 12k
Ω, ICP = +2mA, BWPLL = 45kHz, registers set to default power-up settings, TA = +25°C, unless otherwise
noted. Typical values are at VCC = +2.7V, fLO = 2437MHz, fOSC = 22MHz, unless otherwise noted.) (Note 11)
AC ELECTRICAL CHARACTERISTICS—SYSTEM TIMING
(MAX2820/MAX2821 EV kit: VCC = +2.7V to +3.6V, fRF and fLO = 2400MHz to 2499MHz, fOSC = 22MHz or 44MHz, SHDNB = VIH,
CSB = VIH, RBIAS = 12k
Ω, ICP = +2mA, BWLOOP = 45kHz, registers set to default power-up settings, TA = +25°C, unless otherwise
noted. Typical values are at VCC = +2.7V, fLO = 2437MHz, fOSC = 22MHz, unless otherwise noted.) (Note 11)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
FREQUENCY SYNTHESIZER
LO Frequency Range
2400
2499
MHz
R(0) = 0
22
Reference Frequency
R(0) = 1
44
MHz
Channel Spacing
1
MHz
ICP = 0
± 2
Charge-Pump Output Current
ICP = 1
± 1
mA
Charge-Pump Compliance Range
0.4
VCC - 0.4
V
-11MHz
≤ fOFFSET ≤ 11MHz
-41
-22MHz
≤ fOFFSET < -11MHz,
11MHz < fOFFSET
≤ 22MHz
-75
Reference Spur Level (Note 10)
fOFFSET < -22MHz, fOFFSET > 22MHz
-90
dBc
fOFFSET = 10kHz
-80
Closed-Loop Phase Noise
fOFFSET = 100kHz
-87
dBc/Hz
Closed-Loop Integrated Phase Noise
Noise integrated from 100Hz to 10MHz,
measured at the TX_RF output
2.5
°RMS
Reference Oscillator Input Level
AC-coupled sine wave input
200
300
500
mVP-P
VOLTAGE-CONTROLLED OSCILLATOR
VCO Tuning Voltage Range
0.4
2.3
V
fLO = 2400MHz
170
VCO Tuning Gain
fLO = 2499MHz
130
MHz/V
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Channel-Switching Time
fLO = 2400MHz
↔ 2499MHz,
fLO settles to
±10kHz (Note 9)
150
200
µs
RX to TX, fLO settles to within
±30kHz, relative to rising edge of TX_ON
5
RX/TX Turnaround Time
TX to RX, fLO settles to within
±30kHz, relative to rising edge of RX_ON
10
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com