Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2821 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2821
Description  2.4GHz 802.11b Zero-IF Transceivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2821 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2821 Datasheet HTML 1Page - Maxim Integrated Products MAX2821 Datasheet HTML 2Page - Maxim Integrated Products MAX2821 Datasheet HTML 3Page - Maxim Integrated Products MAX2821 Datasheet HTML 4Page - Maxim Integrated Products MAX2821 Datasheet HTML 5Page - Maxim Integrated Products MAX2821 Datasheet HTML 6Page - Maxim Integrated Products MAX2821 Datasheet HTML 7Page - Maxim Integrated Products MAX2821 Datasheet HTML 8Page - Maxim Integrated Products MAX2821 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
2.4GHz 802.11b Zero-IF Transceivers
4
_______________________________________________________________________________________
AC ELECTRICAL CHARACTERISTICS—RECEIVE MODE (continued)
(MAX2820/MAX2821 EV kit: VCC = +2.7V to +3.6V, fRF and fLO = 2400MHz to 2499MHz, fOSC = 22MHz or 44MHz, receive baseband
outputs = 500mVP-P, SHDNB = RX_ON = VIH, TX_ON = VIL, CSB = VIH, SCLK = DIN = VIL, RF_GAIN = VIH, 0V
≤ VRX_AGC ≤ +2.0V,
RBIAS = 12k
Ω, ICP = +2mA, BWPLL = 45kHz, differential RF input matched to 50Ω, registers set to default power-up settings, TA =
+25
°C, unless otherwise noted. Typical values are at VCC = +2.7V, fLO = 2437MHz, fOSC = 22MHz, unless otherwise noted.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LO Leakage
-65
dBm
Input Return Loss
With external match
15
dB
RECEIVER BASEBAND
BASEBAND FILTER RESPONSE
-3dB Frequency
Default bandwidth setting BW (2:0) = (010)
7
MHz
At 12.5MHz
40
At 16MHz
65
At 20MHz
70
Attenuation Relative to Passband
At 25MHz
85
dB
BASEBAND OUTPUT CHARACTERISTICS
RX I/Q Gain Imbalance
-1
+1
dB
RX I/Q Phase Quadrature Imbalance
-5
+5
Degrees
RX I/Q Output 1dB Compression
Differential voltage into 5k
Ω
1VP-P
RX I/Q Output THD
VOUT = 500mVP-P at 5.5MHz, ZL = 5k
Ω||5pF
-35
dBc
BASEBAND AGC AMPLIFIER
AGC Range
VRX_AGC = 0 to +2.0V
70
dB
AGC Slope
Peak gain slope
60
dB/V
AGC Response Time
20dB gain step, 80dB to 60dB,
settling to
±1dB
2µs
BASEBAND RX PEAK LEVEL DETECTION
RF_GAIN = VIH,
RX_DET = VOL to VOH
-49
RX Detector Trip Point (at RX_RF)
CW signal
RF_GAIN = VIL,
RX_DET = VOH to VOL
-54
dBm
RX Detector Hysteresis
5dB
RX Detector Rise Time
With 3dB overdrive
1
µs
AC ELECTRICAL CHARACTERISTICS—TRANSMIT MODE
(MAX2820/MAX2821 EV kit: VCC = +2.7V to +3.6V, fRF and fLO = 2400MHz to 2499MHz, fOSC = 22MHz or 44MHz, transmit baseband
inputs = 400mVP-P, SHDNB = TX_ON = VIH, RX_ON = VIL, CSB = VIH, 0V
≤ VTX_GC ≤ +2.0V, RBIAS = 12kΩ, ICP = +2mA, BWPLL =
45kHz, differential RF output matched to 50
Ω through a balun, baseband input biased at +1.2V, registers set to default power-up set-
tings, TA = +25
°C, unless otherwise noted. Typical values are at VCC = +2.7V, fLO = 2437MHz, fOSC = 22MHz, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TRANSMIT SIGNAL PATH: BASEBAND INPUT TO RF OUTPUT
RF Output Frequency Range
2400
2499
MHz
LO Output Frequency Range
2400
2499
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com