Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2821 Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX2821
Description  2.4GHz 802.11b Zero-IF Transceivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2821 Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX2821 Datasheet HTML 13Page - Maxim Integrated Products MAX2821 Datasheet HTML 14Page - Maxim Integrated Products MAX2821 Datasheet HTML 15Page - Maxim Integrated Products MAX2821 Datasheet HTML 16Page - Maxim Integrated Products MAX2821 Datasheet HTML 17Page - Maxim Integrated Products MAX2821 Datasheet HTML 18Page - Maxim Integrated Products MAX2821 Datasheet HTML 19Page - Maxim Integrated Products MAX2821 Datasheet HTML 20Page - Maxim Integrated Products MAX2821 Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
2.4GHz 802.11b Zero-IF Transceivers
______________________________________________________________________________________
17
REGISTER
ADDRESS
DEFAULT
FUNCTION
ENABLE
0001
000000011110
Block-Enable Control Settings (E)
SYNTH
0010
000001000000
Synthesizer Settings:
• Reference frequency (R)
• Charge-pump current (ICP)
• PLL phase detector (PD)
CHANNEL
0011
000000100101
Channel frequency settings (CF)
RECEIVE
0100
111111010010
Receiver Settings:
• VGA DC offset nulling parameter 1 (1C)
• VGA DC offset nulling parameter 2 (2C)
• -3dB lowpass filter bandwidth (BW)
• Detector midpoint level (DL)
• Special function bit (SF)
TRANSMIT
0101
000000000000
Transmit Settings:
• PA bias (PA)
ADDRESS
DATA BIT
CONTENT DEFAULT
DESCRIPTION AND LOGICAL DEFINITION
D11
E(11)
0
Reserved
D10
E(10)
0
PA Bias-Control Enable (PAB_EN)
• PAB_EN = SHDNB • (E(10) + TX_ON)
D9
E(9)
0
Transmit Baseband Filters Enable (TXFLT_EN)
• TXFLT_EN = SHDNB • (E(9) + TX_ON)
D8
E(8)
0
TX Upconverter + VGA + Driver Amp Enable (TXUVD_EN)
• TXUVD_EN = SHDNB • (E(8) + TX_ON)
D7
E(7)
0
Receive Detector Enable (DET_EN)
• DET_EN = SHDNB • (E(7) + RX_ON)
D6
E(6)
0
RX Downconverter + Filters + AGC Amps Enable (RXDFA_EN)
• RXDFA_EN = SHDNB • (E(6) + RX_ON)
D5
E(5)
0
Receive LNA Enable (RXLNA_EN)
• RXLNA_EN = SHDNB • (E(5) + RX_ON )
D4
E(4)
1
Autotuner Enable (AT_EN)
• AT_EN = SHDNB • (E(4) + RX_ON + TX_ON)
D3
E(3)
1
PLL Charge-Pump Enable (CP_EN)
• CP_EN = SHDNB • E(3)
D2
E(2)
1
PLL Enable (PLL_EN)
• PLL_EN = SHDNB • E(2)
D1
E(1)
1
VCO Enable (VCO_EN)
• VCO_EN = SHDNB • E(1)
0 0 0 1
D0
E(0)
0
Reserved
Table 3. Register Power-Up Default States
Table 4. Block-Enable Register (ENABLE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com