Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2821 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX2821
Description  2.4GHz 802.11b Zero-IF Transceivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2821 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX2821 Datasheet HTML 1Page - Maxim Integrated Products MAX2821 Datasheet HTML 2Page - Maxim Integrated Products MAX2821 Datasheet HTML 3Page - Maxim Integrated Products MAX2821 Datasheet HTML 4Page - Maxim Integrated Products MAX2821 Datasheet HTML 5Page - Maxim Integrated Products MAX2821 Datasheet HTML 6Page - Maxim Integrated Products MAX2821 Datasheet HTML 7Page - Maxim Integrated Products MAX2821 Datasheet HTML 8Page - Maxim Integrated Products MAX2821 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
2.4GHz 802.11b Zero-IF Transceivers
_______________________________________________________________________________________
5
AC ELECTRICAL CHARACTERISTICS—TRANSMIT MODE (continued)
(MAX2820/MAX2821 EV kit: VCC = +2.7V to +3.6V, fRF and fLO = 2400MHz to 2499MHz, fOSC = 22MHz or 44MHz, transmit baseband
inputs = 400mVP-P, SHDNB = TX_ON = VIH, RX_ON = VIL, CSB = VIH, 0V
≤ VTX_GC ≤ +2.0V, RBIAS = 12kΩ, ICP = +2mA, BWPLL =
45kHz, differential RF output matched to 50
Ω through a balun, baseband input biased at +1.2V, registers set to default power-up set-
tings, TA = +25
°C, unless otherwise noted. Typical values are at VCC = +2.7V, fLO = 2437MHz, fOSC = 22MHz, unless otherwise noted.)
AC ELECTRICAL CHARACTERISTICS—PA BIAS
(MAX2820/MAX2821 EV kit: VCC = +2.7V to +3.6V, SHDNB = VIH, TX_ON = VIH, CSB = VIH, PA_BIAS enabled, RBIAS = 12k
Ω, regis-
ters set to default power-up settings, TA = +25
°C, unless otherwise noted. Typical values are at VCC = +2.7V, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TA = +25
°C-1
+3
TX RF Output Power
VIN = 400mVP-P at
5.5MHz,
VTX_GC = 0V,
I/Q CW signal (Note 7)
TA = -40°C to
+85°C
-2
dBm
-22MHz
≤ fOFFSET ≤ -11MHz,
11MHz
≤ fOFFSET ≤ 22MHz
-37
TX RF ACPR (Note 8)
-33MHz
≤ fOFFSET < -22MHz,
22MHz < fOFFSET
≤ 33MHz
-59
dBc
Unwanted sideband
-40
LO signal
-30
In-Band Spurious Signals Relative to
Modulated Carrier
fRF = 2400MHz to
2483MHz
Spurs >
±22MHz
-80
dBc
2
× fLO
-40
TX RF Harmonics
3
× fLO
-55
dBm
fRF < 2400MHz
-60
fRF = 2500MHz to 3350MHz
-43
TX RF Spurious Signal Emissions
(Outside 2400MHz to 2483.5MHz)
Nonharmonic Signals
fRF > 3350MHz
-45
dBm
TX RF Output Noise
fOFFSET
≥ 22MHz, 0V ≤ VTX_GC ≤ +2.0V
-135
dBm/Hz
TX RF Output Return Loss
With external match
15
dB
TX BASEBAND FILTER RESPONSE
-3dB Frequency
10
MHz
At 22MHz
25
Attenuation Relative to Passband
At 44MHz
50
dB
TX GAIN-CONTROL CHARACTERISTICS
Gain-Control Range
0V
≤ VTX_GC ≤ +2.0V
30
dB
Gain-Control Slope
Peak gain slope
40
dB/V
Gain-Control Response Time
VTX_GC = +2.0V to 0V step
0.3
µs
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution
4
Bits
Full-Scale Output Current
300
µA
LSB Size
20
µA
Output Voltage Compliance Range
(Note 11)
1.0
1.2
1.3
V
Settling Time
Relative to rising edge of CSB, zero to full-
scale step 0000
→ 1111, settle to 1/2 LSB,
2pF load
1µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com