Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35046 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M35046
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35046 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M35046 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
MITSUBISHI MICROCOMPUTERS
M35046-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
4
DAF
DAE
DAD
DAC
DAB
DAA
DA9
DA8
DA7
DA6
DA5
DA4
DA3
DA2
DA1
DA0
0
BB
BG
BR
BLINK
B
G
R
C7
C6
C5
C4
C3
C2
C1
C0
0
BB
BG
BR
BLINK
B
G
R
C7
C6
C5
C4
C3
C2
C1
C0
0
EXCK0
VJT
DIVS1 DIVS0 DIV10
DIV9
DIV8
DIV7
DIV6
DIV5
DIV4
DIV3
DIV2
DIV1
DIV0
0
RSEL0 PTD7
PTD6
PTD5
PTD4
PTD3
PTD2
PTD1
PTD0
PTC5
PTC4
PTC3
PTC2
PTC1
PTC0
0
RSEL1 SPACE2 SPACE1 SPACE0 TEST9
HP9
HP8
HP7
HP6
HP5
HP4
HP3
HP2
HP1
HP0
0
EXCK1 TEST3 TEST2 TEST1 TEST0
VP9
VP8
VP7
VP6
VP5
VP4
VP3
VP2
VP1
VP0
0
TEST14 TEST5 TEST4 DSP11 DSP10 DSP9
DSP8
DSP7
DSP6 DSP5
DSP4
DSP3 DSP2
DSP1
DSP0
0
TEST10 VSZ1H1 VSZ1H0 VSZ1L1 VSZ1L0 V1SZ1 V1SZ0
LIN9
LIN8
LIN7
LIN6
LIN5
LIN4
LIN3
LIN2
0
TEST11 VSZ2H1 VSZ2H0 VSZ2L1 VSZ2L0 V18SZ1 V18SZ0 LIN17 LIN16 LIN15 LIN14 LIN13 LIN12 LIN11 LIN10
0
TEST12 HSZ21 HSZ20 HSZ11 HSZ10 BETA14 TEST8 TEST7 TEST6
FB
FG
FR
RB
RG
RR
0
TEST13 BLINK2 BLINK1 BLINK0 DSPON STOP RAMERS SYAD
BLK1
BLK0
POLH POLV VMASK
__
B/F
BCOL
00016
11F16
12016
12116
12216
12316
12416
12516
12616
12716
12816
SCREEN CONSTITUTION
The screen lines and rows are determined from each address of the
display RAM. The screen constitution is shown in Figure 2.
MEMORY CONSTITUTION
Address 00016 to 11F16 are assigned to the display RAM, address
12016 to 12816 are assigned to the display control registers. The in-
ternal circuit is reset and all display control registers (address 12016
__
to 12816) are set to “0” when the AC pin level is “L”. And then RAM is
erased.
Memory constitution is shown in Figure 1.
Background
coloring
Character color
Character code
Row
Line
1
2
3
4
5
6
7
8
9
10
11
12
00016 00116 00216 00316 00416 00516 00616 00716 00816 00916 00A16 00B16 00C16 00D16 00E16 00F16 01016 01116 01216 01316 01416 01516 01616 01716
01816 01916 01A16 01B16 01C16 01D16 01E16 01F16 02016 02116 02216 02316 02416 02516 02616 02716 02816 02916 02A16 02B16 02C16 02D16 02E16 02F16
03016 03116 03216 03316 03416 03516 03616 03716 03816 03916 03A16 03B16 03C16 03D16 03E16 03F16 04016 04116 04216 04316 04416 04516 04616 04716
04816 04916 04A16 04B16 04C16 04D16 04E16 04F16 05016 05116 05216 05316 05416 05516 05616 05716 05816 05916 05A16 05B16 05C16 05D16 05E16 05F16
06016 06116 06216 06316 06416 06516 06616 06716 06816 06916 06A16 06B16 06C16 06D16 06E16 06F16 07016 07116 07216 07316 07416 07516 07616 07716
07816 07916 07A16 07B16 07C16 07D16 07E16 07F16 08016 08116 08216 08316 08416 08516 08616 08716 08816 08916 08A16 08B16 08C16 08D16 08E16 08F16
09016 09116 09216 09316 09416 09516 09616 09716 09816 09916 09A16 09B16 09C16 09D16 09E16 09F16 0A016 0A116 0A216 0A316 0A416 0A516 0A616 0A716
0A816 0A916 0AA16 0AB16 0AC16 0AD16 0AE16 0AF16 0B016 0B116 0B216 0B316 0B416 0B516 0B616 0B716 0B816 0B916 0BA16 0BB16 0BC16 0BD16 0BE16 0BF16
0C016 0C116 0C216 0C316 0C416 0C516 0C616 0C716 0C816 0C916 0CA16 0CB16 0CC16 0CD16 0CE16 0CF16 0D016 0D116 0D216 0D316 0D416 0D516 0D616 0D716
0D816 0D916 0DA16 0DB16 0DC16 0DD16 0DE16 0DF16 0E016 0E116 0E216 0E316 0E416 0E516 0E616 0E716 0E816 0E916 0EA16 0EB16 0EC16 0ED16 0EE16 0EF16
0F016 0F116 0F216 0F316 0F416 0F516 0F616 0F716 0F816 0F916 0FA16 0FB16 0FC16 0FD16 0FE16 0FF16 10016 10116 10216 10316 10416 10516 10616 10716
10816 10916 10A16 10B16 10C16 10D16 10E16 10F16 11016 11116 11216 11316 11416 11516 11616 11716 11816 11916 11A16 11B16 11C16 11D16 11E16 11F16
123456789
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
ƒ
The hexadecimal numbers in the boxes show the display RAM address.
Fig. 2
Screen constitution
Fig. 1
Memory constitution
Blink-
ing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com