Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35046 Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # M35046
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35046 Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

Back Button M35046 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
MITSUBISHI MICROCOMPUTERS
M35046-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
7
(3) Address 12216
Horizontal display start location is
specified using the 10 bits from HP9
to HP0.
HP9 to HP0 = (00000000002) and
(00000101112) setting is forbidden.
___
Note : In case of B/F register is “0”.
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Register
Function
Remarks
DA
Status
Contents
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
If HS is the horizontal display start location,
HS = T
× 2nHPn + 6
T: The cycle of display frequency
1000 settings are possible.
Leave one line worth of space in the ver-
tical direction.
For example, 6 Œ 6 indicates two sets
of 6 lines with a line of spaces between
lines 6 and 7.
A line is 18
× N horizontal scan lines.
N is determined by the character size in
the vertical direction as follows:
×1 … N = 1 ×2 … N = 2
×3 … N = 3 ×4 … N = 4
Set display frequency area.
HP1
HP2
HP3
HP4
HP5
HP6
HP7
HP8
TEST9
SPACE0
SPACE1
SPACE2
RSEL1
HP9
(MSB)
HP0
(LSB)
SPACE
2
0
0
0
0
1
1
1
1
1
0
0
1
1
0
0
1
1
0
0
1
0
1
0
1
0
1
Number of Lines and Space
(Œ represents space)
12
1 Œ 10 Í 1
2 Œ 8
Í 2
3 Œ 6
Í 3
4 Œ 4 Í 4
5 Œ 2 Í 5
6 Œ 6
6 Œ Í 6
Œ
represents one line worth of spaces.
It should be fixed to “0”.
Can not be used.
For details, see (2) Setting display frequencies under Register
Supplementary Description.
To be used when EXCK0=1 and EXCK1=1.
9
Σ
n = 0
HOR (Note)
HP
VP
Display area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com