Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35046 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M35046
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35046 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M35046 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
MITSUBISHI MICROCOMPUTERS
M35046-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
5
For details, see (2) Setting display frequencies under Register
Supplementary Description.
It should be fixed to “0”.
Alleviates continuous vertical jitters.
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
DIV0
DIV1
DIV2
DIV3
DIV4
DIV5
DIV6
DIV7
DIV8
DIV9
DIV10
DIVS0
DIVS1
VJT
EXCK0
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
REGISTERS DESCRIPTION
(1) Address 12016
Set display frequency by frequency
value setting. Set N1 to be “N1=fOSC/
fH”.
fOSC(MHz) : External clock frequency
for TCK pin (=display fre-
quency)
fH(kHz) : Horizontal synchronous sig-
nal frequency for HOR pin
Set registers DIVS0, DIVS1 (address
12016), RSEL0 (address 12116) and
RSEL1 (address 12216) according to
external clock frequency.
For details, see (2) Setting display fre-
quencies under Register Supplemen-
tary Description.
Any of this settings above is reguired
only when EXCK1=1, EXCK0=1.
Register
DA
Status
Contents
Function
Remarks
Display clock input
20 to 30MHz
Do not set
Do not set
20 to 80MHz
EXCK0
0
1
0
1
EXCK1
0
0
1
1
Set display frequency area.
See setting External Clock Input Mode
(to be input from the TCK terminal).
EXCK1 : address 12316
1H
Clock number (N1)
External clock
Horizontal synchronized signal
Set external clock frequency value of horizontal oscillation fre-
quency.
N1 =
(DIVn
× 2n)
N1: frequency value
10
Σ
n = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com