Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35046 Datasheet(PDF) 25 Page - Mitsubishi Electric Semiconductor

Part # M35046
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35046 Datasheet(HTML) 25 Page - Mitsubishi Electric Semiconductor

Back Button M35046 Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 29Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
MITSUBISHI MICROCOMPUTERS
M35046-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
25
Unit
V
mA
V
V
k
Ω
VPP
Min.
4.75
—
3.5
—
10
0.7VDD
Parameter
Supply voltage
Supply current
“H” level output voltage
“L” level output voltage
__
__
Pull-up resistance SCK, AC, CS, SIN
External clock input width
Test conditions
Ta = –20 to +85°C
VDD = 5.25V
VDD = 4.75V, IOH = 0.4mA
VDD = 4.75V, IOH = 0.05mA
VDD = 4.75V, IOL = 0.4mA
VDD = 4.75V, IOL = 0.05mA
VDD = 5.0V
4.75V < VDD
≤ 5.25V
Unit
V
V
V
MHz
kHz
Parameter
Supply voltage
__
__
“H” level input voltage SIN, SCK, CS, AC HOR, VERT
__
__
“L” level input voltage SIN, SCK, CS, AC HOR, VERT
Oscillating frequency for display
Horizontal synchronous signal input frequeney
Symbol
VDD
VIH
VIL
FOSC
Hsync
Symbol
VDD
VI
VO
Pd
Topr
Tstg
ABSOLUTE MAXIMUM RATINGS
Parameter
Supply voltage
Input voltage
Output voltage
Power dissipation
Operating temperature
Storage temperature
Conditions
With respect to VSS.
Ta = 25°C
Ratings
–0.3 to +6.0
VSS –0.3
≤ VI ≤ VDD +0.3
VSS
≤ VO ≤ VDD
300
–20 to +85
–40 to +125
Unit
V
V
V
mW
°C
°C
Typ.
5.0
VDD
0
—
—
Min.
4.75
0.8VDD
0
20.0
15.0
Max.
5.25
VDD
0.2VDD
80.0
130.0
Limits
RECOMMENDED OPERATING CONDITIONS (VDD = 5V, Ta = –20 to +85°C, unless otherwise noted)
ELECTRICAL CHARACTERISTICS (VDD = 5V, Ta = 25°C, unless otherwise noted)
Symbol
VDD
IDD
VOH
VOL
RI
VTCK
Limits
Max.
5.25
50
—
0.4
100
0.9VDD
P0 to P7
CPOUT
P0 to P7
CPOUT
Typ.
5.0
30
—
—
30
––



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com