Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35046 Datasheet(PDF) 19 Page - Mitsubishi Electric Semiconductor

Part # M35046
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35046 Datasheet(HTML) 19 Page - Mitsubishi Electric Semiconductor

Back Button M35046 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 23Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
MITSUBISHI MICROCOMPUTERS
M35046-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
19
DATA INPUT EXAMPLE
Data of display RAM and display control registers can be set by the
serial input function. Example of data setting is shown in Figure 5 and
Figure 6.
(1) At EXCK0 = “0”, EXCK1 = “0” setting
1
2
3
4
5
6
7
8
9
10
11
12
297
298
299
300
Example of data setting by the serial input function (M35046-XXXSP/FP)
200 msec hold
address 12016
data
12016
data
12116
data
12216
data
12316
data
12416
data
12516
data
12616
data
12716
data
12816
data
00016
data
11F16
address 12816
data
12816
Notes 1 : Input the horizontal synchronous signal to the HOR pin and the vertical synchronous signal to the VERT pin. If serrated pulses
are present in the vertical synchronous signal, set the register VMASK to 1.
2 : Matrix-outline display in this data.
Fig. 5
Example of data setting by the serial input function (1)
DAF DAE DAD DAC DAB DAA DA9 DA8 DA7 DA6 DA5 DA4 DA3 DA2 DA1 DA0
000
000
0100
100
000
001
000
0000
000
000
00
PTD7 PTD6
1
PTD4
1
PTD2
11
101
011
0
0
0
0
0
0
HP9 HP8 HP7 HP6 HP5 HP4 HP3 HP2 HP1 HP0
0
0
0
0
0
0
VP9 VP8 VP7 VP6 VP5 VP4 VP3 VP2 VP1 VP0
000
000
0000
000
000
000
000
0000
000
000
000
000
0000
000
000
000
000
0000
000
000
000
000
0101
1
POLH POLV
000
0BB
BG
BR BLINK
BG
R
C7
C6
C5
C4
C3
C2
C1
C0
0BB
BG
BR BLINK
BG
R
C7
C6
C5
C4
C3
C2
C1
C0
000
000
0100
101
000
000
001
0001
1
POLH POLV
000
Character code
Character
background
color
Character
color
Blink-
ing
Addition
System set-up
Address set
(Note 1)
Output setting
Horizontal display
location setting
Vertical display
location setting
Display form setting
Character size setting
Character size setting
Color,
character size setting
Display OFF,
display form (Note 2)
Character setting
Address setting
Display ON, display
form (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com