Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35046 Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # M35046
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35046 Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button M35046 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
MITSUBISHI MICROCOMPUTERS
M35046-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
6
(2) Address 12116
Contents
Status
Function
Register
DA
Remarks
P0 output (port P0). Port data is set by PTD0.
BLNK0 output. Polarity is set by PTD0.
P1 output (port P1). Port data is set by PTD1.
R signal output. Polarity is set by PTD1.
P2 output (port P2). Port data is set by PTD2.
Can not be used.
P3 output (port P3). Port data is set by PTD3.
G signal output. Polarity is set by PTD3.
P4 output (port P4). Port data is set by PTD4.
Can not be used.
P5 output (port P5). Port data is set by PTD5.
B signal output. Polarity is set by PTD5.
“L” output (P0 output) or negative polarity output (BLNK0 output).
“H” output (P0 output) or positive polarity output (BLNK0 output).
“L” output (P1 output) or negative polarity output (R signal output).
“H” output (P1 output) or positive polarity output (R signal output).
“L” output (P2 output).
“H” output (P2 output).
“L” output (P3 output) or negative polarity output (G signal output).
“H” output (P3 output) or positive polarity output (G signal output).
“L” output (P2 output).
“H” output (P2 output).
“L” output (P5 output) or negative polarity output (B signal output).
“H” output (P5 output) or positive polarity output (B signal output).
“L” output (P6 output).
“H” output (P6 output).
“L” output (P7 output).
“H” output (P7 output).
For details, see (2) Setting display frequencies under Register
Supplementary Description.
To be used when EXCK0=1 and EXCK1=1.
BLNK0 outputs blanking signal.
Blanking status is determined by BLK0,
BLK1, and DSP0 to DSP11 settings.
P0 pin data control.
P1 pin data control.
P2 pin exclusive port output state con-
trol.
P3 pin data control.
P4 pin exclusive port output state con-
trol.
P5 pin data control.
P6 pin exclusive port output state con-
trol.
P7 pin exclusive port output state con-
trol.
Set display frequency area.
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
Note. To determined this register, input clock (at least one clock) to the external clock pin (TCK).
PTC0
PTC1
PTC2
PTC3
PTC4
PTC5
PTD0
PTD1
PTD2
PTD3
PTD4
PTD5
PTD6
PTD7
RSEL0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com