Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35046 Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M35046
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35046 Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button M35046 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
MITSUBISHI MICROCOMPUTERS
M35046-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
8
(4) Address 12316
The vertical start location is specified
using the 10 bits from VP9 to VP0.
VP9 to VP0 = (00000000002) setting is
forbidden.
_
Note : In case of B/F register is “0”.
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Register
DA
Status
Contents
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
VP1
VP2
VP3
VP4
VP5
VP6
VP7
VP8
TEST0
TEST1
TEST2
TEST3
EXCK1
If VS is the vertical display start location,
VS = H
× 2nVPn
H: Cycle with the horizontal synchronizing pulse
1023 settings are possible.
VP9
(MSB)
VP0
(LSB)
Function
Remarks
9
Σ
n = 0
It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
Can not be used.
For setting. See Register EXCK0 (address 12016).
Sets input mode of external clock (input
from TCK pin).
HOR (Note)
HP
VP
Display area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com