Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35046 Datasheet(PDF) 17 Page - Mitsubishi Electric Semiconductor

Part # M35046
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35046 Datasheet(HTML) 17 Page - Mitsubishi Electric Semiconductor

Back Button M35046 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 21Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
MITSUBISHI MICROCOMPUTERS
M35046-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
17
Fig. 3 Display form
DISPLAY FORM 2
M35046-XXXSP/FP has the following four display forms.
(1) Character size
: Blanking same as the character size.
(2) Border size
: Blanking the background as a size from character.
(3) Matrix-outline size
: Blanking the background 12
× 18 dot.
When set register BETA14 to “1”, setting of blanking the
background 14
× 18 dot is possible.
(4) All blanking size
: When set register BCOL to “1”, all raster area is blanking.
12dots
12dots
12dots
12dots
Set character color by display
RAM (Note 1)
(address 0 to 11F16)
Scanning
Scanning
Set border
color by register
FR,FG and FB
Set border color by
display RAM (Note 1)
Set border color by
display RAM (Note 1)
Set matrix - outline
color (Note 1) by
display RAM
(Note 3)
Set matrix - outline
color (Note 1) by RAM
for display (Note 3)
R,G or B output
BLNK0 output
(1) Character display
(character size) (Note 2)
(2) Border display
(border size) (Note 2)
(3) Matrix - outline
display
(matrix-outline size)
(Note 2)
(4) Matrix - outline
and border display
(matrix-outline size)
(Note 2)
12dots
12dots
12dots
12dots
Set character color by display
RAM (Note 1)
(address 0 to 11F16)
Set border
color by register
FR,FG and FB
Set raster area
color by register
RR,RG and RB
Set matrix - outline
color (Note 1) by
display RAM
(Note 3)
Set matrix - outline
color (Note 1) by
display RAM (Note 3)
R,G or B output
BLNK0 output
(1) Character display
(all blanking size) (Note 2)
(2) Border display
(all blanking size)
(Note 2)
(3) Matrix - outline
display
(all blanking size)
(Note 2)
(4) Matrix - outline
and border display
(all blanking size)
(Note 2)
Notes 1 : Red,Blue,Yellow,Green,Magenta,Cyan, White and Black are set possible.
2 : ( ) is blanking mode.
3 : All matrix - outline horizontal direction size is able to set to 14dots by register BETA14
(BLNK0 output by 14dots).
〈 Register BCOL = “0” 〉
〈 Register BCOL = “1” 〉
“H” level
GND level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com