Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35046 Datasheet(PDF) 14 Page - Mitsubishi Electric Semiconductor

Part # M35046
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35046 Datasheet(HTML) 14 Page - Mitsubishi Electric Semiconductor

Back Button M35046 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
MITSUBISHI MICROCOMPUTERS
M35046-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
14
REGISTER SUPPLEMENTARY DESCRIPTION
(1) Setting external clock input mode (by use of EXCK0 (12016) and
EXCK1 (12316))
Two modes given below are available for the external clock sig-
nal input. (the settings (EXCK1, EXCK0) = (0, 1), (1, 0) are forbid-
den.)
(a) When (EXCK1, EXCK0) = (0, 0), FOSC = 20 to 30 MHz
Input from the TCK pin a constant-period continuous external
clock that synchronizes with the horizontal synchronization signal.
And input from HOR pin a constant-period continuous horizontal
synchronous signal.
Never stop inputting the clock while displaying.
Do not have to set a display frequency because the clock just as
it is entered from outside is used as the display clock.
(b) When (EXCK1, EXCK0) = (1, 1), FOSC = 20 to 80 MHz
Input from the TCK pin a constant-period continuous external
clock that synchronizes with the horizontal synchronization signal.
Never stop inputting the clock while displaying.
Be sure to set a display frequency because the internal clock
made to synchronize with the clock input from outside is used as
the display clock (see the next page).
External clock
Horizontal synchronous signal
(Example for input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com