Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7300AGL Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX7300AGL
Description  2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7300AGL Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX7300AGL Datasheet HTML 5Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 6Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 7Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 8Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 9Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 10Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 11Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 12Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or
28-Port I/O Expander
__________________________________________________________________________
Any bytes received after the command byte are consid-
ered data bytes. The first data byte goes into the inter-
nal register of the MAX7300 selected by the command
byte (Figure 8). If multiple data bytes are transmitted
before a STOP condition is detected, these bytes are
generally stored in subsequent MAX7300 internal regis-
ters because the command byte address generally
autoincrements (Table 4).
Message Format for Reading
The MAX7300 is read using the MAX7300’s internally
stored command byte as address pointer, the same way
the stored command byte is used as address pointer for
a write. The pointer generally autoincrements after each
data byte is read using the same rules as for a write
(Table 4). Thus, a read is initiated by first configuring the
MAX7300’s command byte by performing a write (Figure
7). The master can now read ‘n’ consecutive bytes from
the MAX7300, with the first data byte being read from the
register addressed by the initialized command byte
(Figure 9). When performing read-after-write verification,
remember to reset the command byte’s address
because the stored control byte address generally has
been autoincremented after the write (Table 4). Table 5
is the register address map.
Figure 2. 2-Wire Serial Interface Timing Details
SCL
SDA
START CONDITION
STOP CONDITION
REPEATED START CONDITION
START CONDITION
tSU, DAT
tHD, DAT
tLOW
tHD, STA
tHIGH
tR
tF
tSU, STA
tHD, STA
tSU, STO
tBUF
Figure 3. Start and Stop Conditions
SDA
SCL
S
START
CONDITION
P
STOP
CONDITION
SDA
SCL
DATA LINE STABLE; DATA VALID CHANGE OF DATA ALLOWED
Figure 4. Bit Transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com