Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7300AGL Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX7300AGL
Description  2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7300AGL Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX7300AGL Datasheet HTML 1Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 2Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 3Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 4Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 5Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 6Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 7Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 8Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or
28-Port I/O Expander
4
_______________________________________________________________________________________
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
97.5
70.0
42.5
15.0
-12.5
4
5
6
7
8
3
-40.0
125.0
V+ = 5.5V
V+ = 3.3V
V+ = 2.5V
OPERATING SUPPLY CURRENT vs. V+
(OUTPUTS UNLOADED)
V+ (V)
5.0
4.5
4.0
3.5
3.0
2.5
1
0.1
2.0
5.5
ALL PORTS OUTPUT (1)
ALL PORTS INPUT
(PULLUPS DISABLED)
ALL PORTS OUTPUT (0)
OPERATING SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
97.5
70.0
42.5
15.0
-12.5
0.04
0.08
0.12
0.16
0.20
0.24
0.28
0.32
0.36
0.40
0
-40.0
125.0
V+ = 2.5V TO 5.5V
NO LOAD
ALL PORTS
OUTPUT (1)
ALL PORTS
OUTPUT (0)
ALL PORTS INPUT HIGH
__________________________________________Typical Operating Characteristics
(RISET = 39k
Ω, TA = +25°C, unless otherwise noted.)
TIMING CHARACTERISTICS (Figure 2) (continued)
(V+ = 2.5V to 5.5V, TA = TMIN to TMAX, unless otherwise noted.) (Note 1)
Note 1: All parameters tested at TA = +25°C. Specifications over temperature are guaranteed by design.
Note 2: Guaranteed by design.
Note 3: A master device must provide a hold time of at least 300ns for the SDA signal (referred to VIL of the SCL signal) in order to
bridge the undefined region of SCL’s falling edge.
Note 4: Cb = total capacitance of one bus line in pF. tR and tF measured between 0.3V+ and 0.7V+.
Note 5: ISINK
≤ 6mA. Cb = total capacitance of one bus line in pF. tR and tF measured between 0.3V+ and 0.7V+.
Note 6: Input filters on the SDA and SCL inputs suppress noise spikes less than 50ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com