Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7300AGL Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX7300AGL
Description  2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7300AGL Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX7300AGL Datasheet HTML 6Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 7Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 8Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 9Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 10Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 11Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 12Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 13Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or
28-Port I/O Expander
10
______________________________________________________________________________________
Operation with Multiple Masters
If the MAX7300 is operated on a 2-wire interface with
multiple masters, a master reading the MAX7300 should
use a repeated start between the write, which sets the
MAX7300’s address pointer, and the read(s) that takes
the data from the location(s). This is because it is possi-
ble for master 2 to take over the bus after master 1 has
set up the MAX7300’s address pointer, but before
master 1 has read the data. If master 2 subsequently
changes, the MAX7300’s address pointer, then master
1’s delayed read can be from an unexpected location.
Command Address Autoincrementing
Address autoincrementing allows the MAX7300 to be
configured with the shortest number of transmissions
by minimizing the number of times the command
address needs to be sent. The command address
stored in the MAX7300 generally increments after each
data byte is written or read (Table 4).
Initial Power-Up
On initial power-up, all control registers are reset and
the MAX7300 enters shutdown mode (Table 6).
Transition (Port Data Change) Detection
Port transition detection allows seven maskable ports
P24 to P30 to be continuously monitored for changes in
their logic status (Figure 10). Enable transition detec-
tion by setting the M bit in the configuration register
(Table 9) after setting the mask register. If port 31 is
configured as an output (Tables 1 and 2), then P31
automatically becomes an interrupt request (IRQ) out-
put to flag detected transitions. Port 31 can be config-
ured and used as a general-purpose input port instead,
if not required for use as the IRQ output.
The mask register determines which of the seven ports
P24 to P30 are monitored (Table 10). Set the appropri-
ate mask bit to enable that port for transition detect.
Clear the mask bit if transitions on that port are to be
ignored by the transition detection logic. Ports are mon-
itored regardless of their I/O configuration, both input
and output.
SCL
SDA
BY TRANSMITTER
CLOCK PULSE FOR ACKNOWLEDGMENT
START CONDITION
SDA
BY RECEIVER
12
8
9
S
Figure 5. Acknowledge
SDA
SCL
1
0
A3
A2
A1
A0
0
MSB
LSB
R/W
ACK
Figure 6. Slave Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com