Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7300AGL Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX7300AGL
Description  2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7300AGL Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX7300AGL Datasheet HTML 7Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 8Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 9Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 10Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 11Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 12Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 13Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 14Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or
28-Port I/O Expander
______________________________________________________________________________________
11
The MAX7300 maintains an internal 7-bit snapshot reg-
ister to hold the comparison copy of the logic states of
ports P24 to P30. The snapshot register is updated with
the condition of P24 to P31 whenever the configuration
register is written with the M bit set. The update action
occurs regardless of the previous state of the M bit so
that it is not necessary to clear the M bit and then reset
it in order to update the snapshot register.
When the data change detection bit is set, the MAX7300
continuously compares the snapshot register against
the changing states of P24 to P31. When a difference
occurs, the IRQ bit (mask register bit D7) is set and IRQ
port P31 goes high if it is configured as an output.
The IRQ bit and IRQ output remain set until the mask
register is next read or written, so if the IRQ is set, then
the mask register reads with bit D7 set. Writing the
mask register clears the IRQ bit and resets the IRQ out-
put, regardless of the value of bit D7 written.
External Component RISET
The MAX7300 uses an external resistor, RISET, to set
internal biasing. Use a resistor value of 39k
Ω.
Applications Information
Low-Voltage Operation
The MAX7300 operates down to 2V supply voltage
(although the sourcing and sinking currents are not
guaranteed), providing that the MAX7300 is powered up
initially to at least 2.5V to trigger the device’s internal
reset.
Power-Supply Considerations
The MAX7300 operates with power-supply voltages of
2.5V to 5.5V. Bypass the power supply to GND with a
0.047µF capacitor as close to the device as possible.
Add a 1µF capacitor if the MAX7300 is far away from
the board’s input bulk decoupling capacitor.
Chip Information
TRANSISTOR COUNT: 33,559
PROCESS: CMOS
SA
A
P
0
SLAVE ADDRESS
COMMAND BYTE
ACKNOWLEDGE FROM MAX7300
R/W
ACKNOWLEDGE FROM MAX7300
D15 D14 D13 D12 D11 D10
D9
D8
COMMAND BYTE IS STORED ON RECEIPT OF STOP CONDITION
Figure 7. Command Byte Received
SA
A
A
P
0
SLAVE ADDRESS
COMMAND BYTE
DATA BYTE
ACKNOWLEDGE FROM MAX7300
1 BYTE
AUTOINCREMENT MEMORY WORD ADDRESS
D15 D14
D13 D12
D11 D10
D9
D8
D1
D0
D3
D2
D5
D4
D7
D6
HOW COMMAND BYTE AND DATA BYTE MAP INTO MAX7300’s REGISTER
ACKNOWLEDGE FROM MAX7300
ACKNOWLEDGE FROM MAX7300
R/W
Figure 8. Command and Single Data Byte Received



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com