Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7300AGL Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX7300AGL
Description  2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7300AGL Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX7300AGL Datasheet HTML 3Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 4Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 5Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 6Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 7Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 8Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 9Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 10Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or
28-Port I/O Expander
_______________________________________________________________________________________
7
Serial Interface
Serial Addressing
The MAX7300 operates as a slave that sends and
receives data through an I
2C-compatible 2-wire inter-
face. The interface uses a serial data line (SDA) and a
serial clock line (SCL) to achieve bidirectional commu-
nication between master(s) and slave(s). A master (typ-
ically a microcontroller) initiates all data transfers to and
from the MAX7300, and generates the SCL clock that
synchronizes the data transfer (Figure 2).
The MAX7300 SDA line operates as both an input and
an open-drain output. A pullup resistor, typically 4.7k
Ω,
is required on SDA. The MAX7300 SCL line operates
only as an input. A pullup resistor, typically 4.7k
Ω, is
required on SCL if there are multiple masters on the 2-
wire interface, or if the master in a single-master system
has an open-drain SCL output.
Each transmission consists of a START condition
(Figure 3) sent by a master, followed by the MAX7300
7-bit slave address plus R/ W bit (Figure 6), a register
address byte, one or more data bytes, and finally a
STOP condition (Figure 3).
Start and Stop Conditions
Both SCL and SDA remain high when the interface is
not busy. A master signals the beginning of a transmis-
sion with a START (S) condition by transitioning SDA
from high to low while SCL is high. When the master
has finished communicating with the slave, it issues a
STOP (P) condition by transitioning SDA from low to
high while SCL is high. The bus is then free for another
transmission (Figure 3).
Bit Transfer
One data bit is transferred during each clock pulse.
The data on SDA must remain stable while SCL is high
(Figure 4).
Acknowledge
The acknowledge bit is a clocked 9th bit, which the
recipient uses to handshake receipt of each byte of
data (Figure 5). Thus, each byte transferred effectively
requires 9 bits. The master generates the 9th clock
pulse, and the recipient pulls down SDA during the
acknowledge clock pulse, such that the SDA line is sta-
ble low during the high period of the clock pulse. When
the master is transmitting to the MAX7300, the
MAX7300 generates the acknowledge bit since the
Table 1. Port Configuration Map
REGISTER DATA
REGISTER
ADDRESS
CODE (HEX)
D7
D6
D5
D4
D3
D2
D1
D0
Port Configuration for P7, P6, P5, P4
0x09
P7
P6
P5
P4
Port Configuration for P11, P10, P9, P8
0x0A
P11
P10
P9
P8
Port Configuration for P15, P14, P13, P12
0x0B
P15
P14
P13
P12
Port Configuration for P19, P18, P17, P16
0x0C
P19
P18
P17
P16
Port Configuration for P23, P22, P21, P20
0x0D
P23
P22
P21
P20
Port Configuration for P27, P26, P25, P24
0x0E
P27
P26
P25
P24
Port Configuration for P31, P30, P29, P28
0x0F
P31
P30
P29
P28
Table 2. Port Configuration Matrix
PORT
CONFIGURATION
BIT PAIR
MODE
FUNCTION
PORT
REGISTER
PIN BEHAVIOR
ADDRESS
CODE (HEX)
UPPER
LOWER
DO NOT USE THIS SETTING
0x09 to 0x0F
0
0
Written Low
Active-low logic output
Output
GPIO Output
Written High
Active-high logic output
0x09 to 0x0F
0
1
Input
GPIO Input
without Pullup
Reading Port
Schmitt logic output
0x09 to 0x0F
1
0
Input
GPIO Input with Pullup
Reading Port
Schmitt logic input with pullup
0x09 to 0x0F
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com