Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7300AGL Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX7300AGL
Description  2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7300AGL Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX7300AGL Datasheet HTML 8Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 9Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 10Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 11Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 12Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 13Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 14Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 15Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or
28-Port I/O Expander
12
______________________________________________________________________________________
COMMAND BYTE ADDRESS RANGE
AUTOINCREMENT BEHAVIOR
x0000000 to x1111110
Command address autoincrements after byte read or written
x1111111
Command address remains at x1111111 after byte written or read
PIN
CONNECTION
DEVICE ADDRESS
AD1
AD0
A6
A5
A4
A3
A2
A1
A0
GND
GND
1
0
0
0
0
0
0
GND
V+
100
000
1
GND
SDA
100
001
0
GND
SCL
100
001
1
V+
GND
100
010
0
V+
V+
100
010
1
V+
SDA
100
011
0
V+
SCL
100
011
1
SDA
GND
100
100
0
SDA
V+
100
100
1
SDA
SDA
1
0
0
1
0
1
0
SDA
SCL
1
0
0
1
0
1
1
SCL
GND
100
110
0
SCL
V+
100
110
1
SCL
SDA
1
0
0
1
1
1
0
SCL
SCL
1
0
0
1
1
1
1
SA
A
A
P
0
SLAVE ADDRESS
COMMAND BYTE
DATA BYTE
ACKNOWLEDGE FROM MAX7300
D15 D14 D13 D12 D11 D10
D9
D8
D1
D0
D3
D2
D5
D4
D7
D6
HOW COMMAND BYTE AND DATA BYTE MAP INTO MAX7300’s REGISTER
ACKNOWLEDGE FROM MAX7300
R/W
‘n’ BYTES
AUTOINCREMENT MEMORY WORD ADDRESS
ACKNOWLEDGE FROM MAX7300
Figure 9. ‘n’ Data Bytes Received
Table 3. MAX7300 Address Map
Table 4. Autoincrement Rules



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com