Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7300AGL Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX7300AGL
Description  2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7300AGL Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX7300AGL Datasheet HTML 12Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 13Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 14Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 15Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 16Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 17Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 18Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 19Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or
28-Port I/O Expander
16
______________________________________________________________________________________
Table 7. Configuration Register Format
REGISTER DATA
FUNCTION
ADDRESS CODE
(HEX)
D7
D6
D5
D4
D3
D2
D1
D0
Configuration Register
0x04
M
0
XXXXXS
Table 8. Shutdown Control (S Data Bit D0) Format
REGISTER DATA
FUNCTION
ADDRESS CODE
(HEX)
D7
D6
D5
D4
D3
D2
D1
D0
Shutdown
0x04
M
0
XXXXX
0
Normal Operation
0x04
M
0
XXXXX
1
Table 9. Transition Detection Control (M Data Bit D7) Format
REGISTER DATA
FUNCTION
ADDRESS CODE
(HEX)
D7
D6
D5
D4
D3
D2
D1
D0
Disabled
0x04
0
0
XXXXXS
Enabled
0x04
1
0
XXXXXS
Table 10. Transition Detection Mask Register
REGISTER DATA
FUNCTION
REGISTER
ADDRESS
(HEX)
READ/
WRITE
D7
D6
D5
D4
D3
D2
D1
D0
Read
IRQ Status*
Mask
Register
0x06
Write
Unchanged
Port
30
mask
Port
29
mask
Port
28
mask
Port
27
mask
Port
26
mask
Port
25
mask
Port
24
mask
*IRQ is automatically cleared after it is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com