Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7300AGL Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX7300AGL
Description  2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7300AGL Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX7300AGL Datasheet HTML 9Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 10Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 11Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 12Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 13Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 14Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 15Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 16Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or
28-Port I/O Expander
______________________________________________________________________________________
13
Table 5. Register Address Map
COMMAND ADDRESS
REGISTER
D15
D14
D13
D12
D11
D10
D9
D8
HEX
CODE
No-Op
X
0
0
0
0
0
0
0
0x00
Configuration
X
0
0
0
0
1
0
0
0x04
Transition Detect Mask
X
0
0
0
0
1
1
0
0x06
Factory Reserved; do not write to this port
X
0
0
0
0
1
1
1
0x07
Port Configuration P7, P6, P5, P4
X
0
0
0
1
0
0
1
0x09
Port Configuration P11, P10, P9, P8
X
0
0
0
1
0
1
0
0x0A
Port Configuration P15, P14, P13, P12
X
0
0
0
1
0
1
1
0x0B
Port Configuration P19, P18, P17, P16
X
0
0
0
1
1
0
0
0x0C
Port Configuration P23, P22, P21, P20
X
0
0
0
1
1
0
1
0x0D
Port Configuration P27, P26, P25, P24
X
0
0
0
1
1
1
0
0x0E
Port Configuration P31, P30, P29, P28
X
0
0
0
1
1
1
1
0x0F
Port 0 only (virtual port, no action)
X
0
1
0
0
0
0
0
0x20
Port 1 only (virtual port, no action)
X
0
1
0
0
0
0
1
0x21
Port 2 only (virtual port, no action)
X
0
1
0
0
0
1
0
0x22
Port 3 only (virtual port, no action)
X
0
1
0
0
0
1
1
0x23
Port 4 only
X
0
1
0
0
1
0
0
0x24
Port 5 only
X
0
1
0
0
1
0
1
0x25
Port 6 only
X
0
1
0
0
1
1
0
0x26
Port 7 only
X
0
1
0
0
1
1
1
0x27
Port 8 only
X
0
1
0
1
0
0
0
0x28
Port 9 only
X
0
1
0
1
0
0
1
0x29
Port 10 only
X
0
1
0
1
0
1
0
0x2A
Port 11 only
X
0
1
0
1
0
1
1
0x2B
Port 12 only
X
0
1
0
1
1
0
0
0x2C
Port 13 only
X
0
1
0
1
1
0
1
0x2D
Port 14 only
X
0
1
0
1
1
1
0
0x2E
Port 15 only
X
0
1
0
1
1
1
1
0x2F
Port 16 only
X
0
1
1
0
0
0
0
0x30
Port 17 only
X
0
1
1
0
0
0
1
0x31
Port 18 only
X
0
1
1
0
0
1
0
0x32
Port 19 only
X
0
1
1
0
0
1
1
0x33
Port 20 only
X
0
1
1
0
1
0
0
0x34
Port 21 only
X
0
1
1
0
1
0
1
0x35
Port 22 only
X
0
1
1
0
1
1
0
0x36
Port 23 only
X
0
1
1
0
1
1
1
0x37
Port 24 only
X
0
1
1
1
0
0
0
0x38
Port 25 only
X
0
1
1
1
0
0
1
0x39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com