Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7300AGL Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX7300AGL
Description  2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7300AGL Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX7300AGL Datasheet HTML 2Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 3Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 4Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 5Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 6Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 7Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 8Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 9Page - Maxim Integrated Products MAX7300AGL Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or
28-Port I/O Expander
6
_______________________________________________________________________________________
Detailed Description
The MAX7300 general-purpose input/output (GPIO)
peripheral provides up to 28 I/O ports, P4 to P31, con-
trolled through an I
2C-compatible serial interface. The
ports can be configured to any combination of logic
inputs and logic outputs, and default to logic inputs on
power-up.
Figure 1 is the MAX7300 functional diagram. Any I/O port
can be configured as a push-pull output (sinking 10mA,
sourcing 4.5mA), or a Schmitt-trigger logic input. Each
input has an individually selectable internal pullup resis-
tor. Additionally, transition detection allows seven ports
(P24 to P30) to be monitored in any maskable combina-
tion for changes in their logic status. A detected transi-
tion is flagged through a status register bit, as well as an
interrupt pin (port P31), if desired.
The port configuration registers individually set the 28
ports, P4 to P31, as GPIO. A pair of bits in registers
0x09 through 0x0F sets each port’s configuration
(Tables 1 and 2).
The 36-pin MAX7300AAX and 40-pin MAX7300AGL
have 28 ports, P4 to P31. The 28-pin MAX7300ANI and
MAX7300AAI have only 20 ports available, P12 to P31.
The eight unused ports should be configured as out-
puts on power-up by writing 0x55 to registers 0x09 and
0x0A. If this is not done, the eight unused ports remain
as floating inputs and quiescent supply current rises,
although there is no damage to the part.
Register Control of I/O Ports
Across Multiple Drivers
The MAX7300 offers 20 or 28 I/O ports, depending on
package choice. Two addressing methods are avail-
able. Any single port (bit) can be written (set/cleared)
at once; or, any sequence of eight ports can be written
(set/cleared) in any combination at once. There are no
boundaries; it is equally acceptable to write P0 to P7,
P1 to P8, or P31 to P38 (P32 to P38 are nonexistent, so
the instructions to these bits are ignored).
Shutdown
When the MAX7300 is in shutdown mode, all ports are
forced to inputs, and the pullup current sources are
turned off. Data in the port and control registers remain
unaltered, so port configuration and output levels are
restored when the MAX7300 is taken out of shutdown.
The MAX7300 can still be programmed while in shut-
down mode. For minimum supply current in shutdown
mode, logic inputs should be at GND or V+ potential.
Shutdown mode is exited by setting the S bit in the con-
figuration register (Table 8).
PIN
SSOP/DIP
SSOP
QFN
NAME
FUNCTION
1
1
36
ISET
Bias Current Setting. Connect ISET to GND through a resistor (RISET)
value of 39k
Ω to 120kΩ.
2, 3
2, 3
37, 38, 39
GND
Ground
4
4
40
AD0
Address Input 0. Sets device slave address. Connect to either GND,
V+, SCL, SDA to give four logic combinations. See Table 3.
5–24
——
P12–P31
I/O Ports. P12 to P31 can be configured as push-pull outputs, CMOS-
logic inputs, or CMOS-logic inputs with weak pullup resistor.
—
5–32
1–10, 12–19,
21–30
P4–P31
I/O Ports. P4 to P31 can be configured as push-pull outputs, CMOS-
logic inputs, or CMOS-logic inputs with weak pullup resistor.
25
33
32
SDA
I
2C-Compatible Serial Data I/O
26
34
33
SCL
I
2C-Compatible Serial Clock Input
27
35
34
AD1
Address Input 1. Sets device slave address. Connect to either GND,
V+, SCL, SDA to give four logic combinations. See Table 3.
28
36
35
V+
Positive Supply Voltage. Bypass V+ to GND with minimum 0.047µF
capacitor.
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com