Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM385 Datasheet(PDF) 123 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM385 Datasheet(HTML) 123 Page - Texas Instruments

Back Button DM385 Datasheet HTML 119Page - Texas Instruments DM385 Datasheet HTML 120Page - Texas Instruments DM385 Datasheet HTML 121Page - Texas Instruments DM385 Datasheet HTML 122Page - Texas Instruments DM385 Datasheet HTML 123Page - Texas Instruments DM385 Datasheet HTML 124Page - Texas Instruments DM385 Datasheet HTML 125Page - Texas Instruments DM385 Datasheet HTML 126Page - Texas Instruments DM385 Datasheet HTML 127Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 281 page
background image
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
6
Device Operating Conditions
6.1
Absolute Maximum Ratings
(1) (2)
Core (CVDD, CVDD_ARM, CVDD_HDVICP)
-0.3 V to 1.5 V
HD-DAC Digital Logic, 1.1V (VDDA_HDDAC_1P1)
-0.5 V to 1.5 V
I/O, 1.8 V (DVDD_DDR[0], VDDA_1P8, VDDA_ARMPLL_1P8,
-0.3 V to 2.1 V
VDDA_VIDPLL_1P8, VDDA_AUDIOPLL_1P8, VDDA_DDRPLL_1P8,
Supply voltage ranges (Steady
VDDA_L3L4PLL_1P8, VDDA_PCIE_1P8, VDDA_HDMI_1P8,
State):
VDDA_USB0_1P8, VDDA_USB1_1P8, VDDA_VDAC_1P8,
VDDA_CSI2_1P8, VDDA_HDDACREF_1P8, VDDA_HDDAC_1P8,
VDDA_HDVICPPLL_1P8, VDDS_OSC0_1P8, VDDS_OSC1_1P8
I/O 3.3 V (DVDD, DVDD_GPMC, DVDD_RGMII, DVDD_SD, DVDD_C)
-0.3 V to 4.0 V
DDR Reference Voltage (VREFSSTL_DDR[0])
-0.3 V to 1.1 V
V I/O, 1.35-V pins (Steady State)
-0.3 V to DVDD_DDR[0] +
0.3 V
V I/O, 1.35-V pins (Transient Overshoot/Undershoot)
30% of DVDD_DDR[0] for
up to 30% of the signal
period
V I/O, 1.5-V pins (Steady State)
-0.3 V to DVDD_DDR[0] +
0.3 V
V I/O, 1.5-V pins (Transient Overshoot/Undershoot)
30% of DVDD_DDR[0] for
up to 30% of the signal
Input and Output voltage ranges:
period
V I/O, 1.8-V pins (Steady State)
-0.3 V to DVDD + 0.3 V
-0.3 V to DVDD_x + 0.3 V
V I/O, 1.8-V pins (Transient Overshoot/Undershoot)
25% of DVDDx for up to
30% of the signal period
V I/O, 3.3-V pins (Steady State)
-0.3 V to DVDD + 0.3 V
-0.3 V to DVDD_x + 0.3 V
V I/O, 3.3-V pins (Transient Overshoot/Undershoot)
25% of DVDDx for up to
30% of the signal period
Operating junction temperature
Commercial Temperature (default)
0°C to 95°C
range, TJ:
Extended temperature
-40°C to 95°C
Storage temperature range, Tstg:
-55°C to 150°C
Component-Level
ESD-HBM (Human Body Model)(4)
±1000 V
Electrostatic Discharge (ESD)
ESD-CDM (Charged-Device Model)(5)
±250 V
Stress Voltage(3)
Latch-up Performance(6)
Class II (105ºC)
50 mA
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to their associated VSS or VSSA_x.
(3)
Electrostatic discharge (ESD) to measure device sensitivity or immunity to damage caused by electrostatic discharges into the device.
(4)
Level listed is the passing level per ANSI/ESDA/JEDEC JS-001. JEDEC document JEP155 states that 500 V HBM allows safe
manufacturing with a standard ESD control process, and manufacturing with less than 500 V HBM is possible if necessary precautions
are taken. Pins listed as 1000 V may actually have higher performance.
(5)
Level listed is the passing level per EIA-JEDEC JESD22-C101E. JEDEC document JEP157 states that 250 V CDM allows safe
manufacturing with a standard ESD control process, and manufacturing with less than 250 V CDM is possible if necessary precautions
are taken. Pins listed as 250 V may actually have higher performance.
(6)
Based on JEDEC JESD78D [IC Latch-Up Test].
Copyright © 2013, Texas Instruments Incorporated
Device Operating Conditions
123
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com