Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM385 Datasheet(PDF) 124 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM385 Datasheet(HTML) 124 Page - Texas Instruments

Back Button DM385 Datasheet HTML 120Page - Texas Instruments DM385 Datasheet HTML 121Page - Texas Instruments DM385 Datasheet HTML 122Page - Texas Instruments DM385 Datasheet HTML 123Page - Texas Instruments DM385 Datasheet HTML 124Page - Texas Instruments DM385 Datasheet HTML 125Page - Texas Instruments DM385 Datasheet HTML 126Page - Texas Instruments DM385 Datasheet HTML 127Page - Texas Instruments DM385 Datasheet HTML 128Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 281 page
background image
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
6.2
Recommended Operating Conditions
PARAMETER
MIN
NOM
MAX
UNIT
OPP_Nitro
1.28
1.35
1.42
Supply voltage, Core (Scalable)
OPP_Turbo
1.28
1.35
1.42
CVDD
DVFS only, No AVS
V
120% OPP
1.14
1.20
1.26
100% OPP(1)
1.05
1.10
1.16
OPP_Nitro
1.28
1.35
1.42
Supply voltage, Core ARM
OPP_Turbo
1.28
1.35
1.42
CVDD_ARM
(Scalable)
V
120% OPP
1.14
1.20
1.26
100% OPP(1)
1.05
1.10
1.16
OPP_Nitro
1.28
1.35
1.42
Supply voltage, Core, HDVICP2
OPP_Turbo
1.28
1.35
1.42
CVDD_HDVICP (Scalable)
V
120% OPP
1.14
1.20
1.26
100% OPP(1)
1.05
1.10
1.16
Supply voltage, I/O, standard
3.3 V
3.14
3.3
3.47
DVDD
V
pins(2)
1.8 V
1.71
1.8
1.89
Supply voltage, I/O, GPMC pin
3.3 V
3.14
3.3
3.47
DVDD_GPMC
V
group
1.8 V
1.71
1.8
1.89
Supply voltage, I/O, RGMII pin
3.3 V
3.14
3.3
3.47
DVDD_RGMII
V
group
1.8 V
1.71
1.8
1.89
Supply voltage, I/O, SD pin
3.3 V
3.14
3.3
3.47
DVDD_SD
V
group
1.8 V
1.71
1.8
1.89
Supply voltage, I/O, C pin group
3.3 V
3.14
3.3
3.47
DVDD_C
V
1.8 V
1.71
1.8
1.89
Supply voltage, I/O, DDR[0]
DDR2
1.71
1.8
1.89
DVDD_DDR[0]
DDR3
1.43
1.5
1.58
V
DDR3L
1.28
1.35
1.42
VDDA_USB_3P Supply voltage, I/O, Analog, USB 3.3 V
3.14
3.3
3.47
V
3
Supply Voltage, I/O, Analog, (VDDA_1P8,
VDDA_ARMPLL_1P8, VDDA_VIDPLL_1P8,
VDDA_AUDIOPLL_1P8, VDDA_DDRPLL_1P8,
VDDA_L3L4PLL_1P8, VDDA_PCIE_1P8,
VDDA_1P8
VDDA_HDMI_1P8, VDDA_USB0_1P8, VDDA_USB1_1P8,
VDDA_x_1P8
VDDA_VDAC_1P8, VDDA_CSI2_1P8,
1.71
1.8
1.89
V
VDDS_x_1P8
VDDA_HDDACREF_1P8, VDDA_HDDAC_1P8,
VDDA_HDVICPPLL_1P8, VDDS_OSC0_1P8,
VDDS_OSC1_1P8)
Note: HDMI, USB0/1, and VDAC relative to their
respective VSSA.
VDDA_HDDAC
Supply voltage, I/O, Analog, HD-DAC 1.1 V
1.05
1.1
1.15
V
_1P1
Supply Ground (VSS, VSSA_HDMI, VSSA_USB,
VSS
0
V
VSSA_VDAC, VSSA_DEVOSC(3), VSSA_AUXOSC (3))
IO Reference Voltage, (VREFSSTL_DDR[0])
0.49 *
0.50 *
0.51 *
VREFSSTL_DDR[0]
V
DVDD_DDR[0]
DVDD_DDR[0]
DVDD_DDR[0]
USBx_VBUSIN
USBx VBUS Comparator Input
4.75
5
5.25
V
(1)
OPP100 is currently supported only on DM388 commercial temperature devices.
(2)
LVCMOS pins are all I/O pins powered by DVDD, DVDD_GPMC, DVDD_RGMII, DVDD_SD, DVDD_C supplies except for I2C[0] and
I2C[1] pins.
(3)
When using the internal Oscillators, the oscillator grounds (VSSA_DEVOSC, VSSA_AUXOSC) must be kept separate from other
grounds and connected directly to the crystal load capacitor ground.
124
Device Operating Conditions
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com