Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM385 Datasheet(PDF) 129 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM385 Datasheet(HTML) 129 Page - Texas Instruments

Back Button DM385 Datasheet HTML 125Page - Texas Instruments DM385 Datasheet HTML 126Page - Texas Instruments DM385 Datasheet HTML 127Page - Texas Instruments DM385 Datasheet HTML 128Page - Texas Instruments DM385 Datasheet HTML 129Page - Texas Instruments DM385 Datasheet HTML 130Page - Texas Instruments DM385 Datasheet HTML 131Page - Texas Instruments DM385 Datasheet HTML 132Page - Texas Instruments DM385 Datasheet HTML 133Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 281 page
background image
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
7
Power, Reset, Clocking, and Interrupts
7.1
Power, Reset and Clock Management (PRCM) Module
The PRCM module is the centralized management module for the power, reset, and clock control signals
of the device. It interfaces with all the components on the device for power, clock, and reset management
through power-control signals. It integrates enhanced features to allow the device to adapt energy
consumption dynamically, according to changing application and performance requirements. The
innovative hardware architecture allows a substantial reduction in leakage current.
The PRCM module is composed of two main entities:
•
Power reset manager (PRM): Handles the power, reset, wake-up management, and system clock
source control (oscillator)
•
Clock manager (CM): Handles the clock generation, distribution, and management.
For more details on the PRCM, see the Power, Reset, and Clock Management (PRCM) Module chapter in
the device-specific Technical Reference Manual.
7.2
Power
7.2.1
Voltage and Power Domains
Every Module within the device belongs to a Core Logic Voltage Domain, Memory Voltage Domain, and a
Power Domain (see Table 7-1).
Table 7-1. Voltage and Power Domains
CORE LOGIC
MEMORY VOLTAGE
POWER
MODULE(S)
VOLTAGE DOMAIN
DOMAIN
DOMAIN
ARM_L
ARM_M
ARM Cortex-A8 Subsystem, SmartReflex Sensor 0
ATL, HDMI, DMM, EDMA, ELM, DDR, EMAC Switch,
GPIO Banks 0/1/2/3, GPMC, I2C0/1/2/3, IPC,
MCASP0/1, OCMC SRAM, PCIE, PRCM, RTC,
ALWAYS ON
CORE_L
CORE_M
SD/MMC0/1/2, SPI01/2/3, Timer1/2/3/4/5/6/7/8,
UART0/1/2, USB0/1, WDT0, System Interconnect,
JTAG, Media Controller, ISS, SmartReflex Control
Module 0/1, SmartReflex Sensor 1
ISP
ISP, CSI2 PHY LOGIC
HDVPSS
HDVPSS, SD-DAC, HD-DAC
HDVICP_L
HDVICP_M
HDVICP
HDVICP2, SmartReflex Sensor 2
7.2.1.1
Core Logic Voltage Domains
The device contains three Core Logic Voltage Domains. These domains define groups of Modules that
share the same supply voltage for their core logic. Each Core Logic Voltage Domain is powered by a
dedicated supply voltage rail that can be independently scaled using SmartReflex technology to trade off
power versus performance. Table 7-2 shows the mapping between the Core Logic Voltage Domains and
their associated supply pins.
Copyright © 2013, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
129
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com