Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM385 Datasheet(PDF) 133 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM385 Datasheet(HTML) 133 Page - Texas Instruments

Back Button DM385 Datasheet HTML 129Page - Texas Instruments DM385 Datasheet HTML 130Page - Texas Instruments DM385 Datasheet HTML 131Page - Texas Instruments DM385 Datasheet HTML 132Page - Texas Instruments DM385 Datasheet HTML 133Page - Texas Instruments DM385 Datasheet HTML 134Page - Texas Instruments DM385 Datasheet HTML 135Page - Texas Instruments DM385 Datasheet HTML 136Page - Texas Instruments DM385 Datasheet HTML 137Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 281 page
background image
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
7.2.7
Standby and Deep Sleep Modes
The device supports Low-Power Standby and Deep-Sleep Modes as described below.
Standby Mode is defined as a state in which:
•
All switchable power domains are in "OFF" state
•
The ARM Cortex-A8 is executing an IDLE loop at its lowest frequency of operation
•
All functional blocks not needed for a given application are clock gated
Deep Sleep Mode is defined to be the same as Standby Mode, with the addition of gating the crystal
oscillator to further eliminate all active power. The device core voltages can be reduced for optimal power
savings.
For detailed instructions on entering and exiting from Standby and Deep Sleep Modes, see the Power,
Reset, and Clock Management (PRCM) Module chapter in the device-specific Technical Reference
Manual.
7.2.8
Supply Sequencing
The device power supplies are organized into five Supply Sequencing Groups:
1. CVDD Core Logic supply (CVDD)
2. All CVDD_x supplies (CVDD_ARM and CVDD_HDVICP)
3. All 1.35-/1.5-/1.8-V DVDD_DDR[0] Supplies (1.35 V for DDR3L, 1.5 V for DDR3, 1.8 V for DDR2)
4. All 1.8-V Supplies (DVDD_x, VDDA_x_1P8, VDDA_1P8)
5. All 3.3-V Supplies (DVDD, DVDD_x, DVDD_C, VDDA_x_3P3)
To ensure proper device operation, a specific power-up and power-down sequence must be followed.
Some TI power-supply devices include features that facilitate these power sequencing requirements — for
example, TI’s TPS659113 integrated PMIC. For more information on TI power supplies and their features,
visit www.ti.com/processorpower.
7.2.8.1
Power-Up Sequence
For proper device operation, the following power-up sequence in Table 7-5 and Figure 7-1 must be
followed.
Table 7-5. Power-Up Sequence Ramping Values
NO.
DESCRIPTION
MIN
MAX
UNIT
1
1.8 V supplies to 1.35-/1.5-/1.8-V DVDD_DDR[x] supplies
0(1)
ms
2
DVDD_DDR supplies stable to 3.3 V supplies ramp start
0(2)
ms
1.8 V supplies stable to CVDD, CVDD_x variable supplies
3
0(1)
ms
ramp start
Master
4
All supplies valid to power-on-reset (POR high)
4 096
Clocks
(1)
The 1.8 V supplies must be
≥ 1.35-/1.5-/1.8-V DVDD_DDR[x] and CVDD, CVDD_x variable supplies.
(2)
Both 1.8 V and DVDD_DDR[x] supplies must be powered up and stable prior to starting the ramp of the 3.3 V supplies.
Copyright © 2013, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
133
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com