Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2120 Datasheet(PDF) 40 Page - Microchip Technology

Part # MCP2120
Description  DEVELOPER?셎 KIT USER?셎 GUIDE
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2120 Datasheet(HTML) 40 Page - Microchip Technology

Back Button MCP2120 Datasheet HTML 36Page - Microchip Technology MCP2120 Datasheet HTML 37Page - Microchip Technology MCP2120 Datasheet HTML 38Page - Microchip Technology MCP2120 Datasheet HTML 39Page - Microchip Technology MCP2120 Datasheet HTML 40Page - Microchip Technology MCP2120 Datasheet HTML 41Page - Microchip Technology MCP2120 Datasheet HTML 42Page - Microchip Technology MCP2120 Datasheet HTML 43Page - Microchip Technology MCP2120 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
MCP2120/MCP2150 USER’S GUIDE
DS51246A-page 36
 2001 Microchip Technology Inc.
3.6.1.
System Debug Tips
If you are not getting communications between the two boards, some
debugging is in order. Here are some suggested steps:
• Verify that the Hyperterminal programs are set up correctly
• Verify that both Hyperterminal sessions are “connected”
• Verify that the MCP2120 Developer’s Boards are powered
• Verify that the MCP2120 Developer’s Boards are set up correctly
If that review does not locate the issue, then more in depth debugging is
required. These steps require an oscilloscope. A digital 4-channel
oscilloscope is recommended. By typing a data byte into Hyperterminal on the
PC, the oscilloscope can be used to determine where in the system the data
byte was “lost”.
Figure 3.19 and Figure 3.20 shows a debug flow to help troubleshoot the
communications between the two MCP2120 Developer’s Boards. Figure 3.19
shows the steps for the transmit side of System #1 (PC #1 and MCP2120
Developer’s Board #1). If it appears that the TXIR signal is correct, then the
receive side needs to be validated. Figure 3.20 shows the steps for the
receive side of System #2 (PC #2 and MCP2120 Developer’s Board #2).
These steps can then be used to debug the transmit side of System #2 and
the receive side of System #1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com