Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2120 Datasheet(PDF) 41 Page - Microchip Technology

Part # MCP2120
Description  DEVELOPER?셎 KIT USER?셎 GUIDE
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2120 Datasheet(HTML) 41 Page - Microchip Technology

Back Button MCP2120 Datasheet HTML 37Page - Microchip Technology MCP2120 Datasheet HTML 38Page - Microchip Technology MCP2120 Datasheet HTML 39Page - Microchip Technology MCP2120 Datasheet HTML 40Page - Microchip Technology MCP2120 Datasheet HTML 41Page - Microchip Technology MCP2120 Datasheet HTML 42Page - Microchip Technology MCP2120 Datasheet HTML 43Page - Microchip Technology MCP2120 Datasheet HTML 44Page - Microchip Technology MCP2120 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
 2001 Microchip Technology Inc.
DS51246A-page 37
MCP2120 Tutorial
Figure 3.19: Debug Flowchart - MCP2120 Developer’s Board #1 Side
Set up digital oscilloscope to
capture waveform on first
falling edge (Start bit)
Debug Board #1
Type character in PC #1
Hyperterminal window
Data
appear on
Yes
No
MCP2120
TX pin?
Data
appear on
Yes
No
MCP2120
TXIR pin?
Goto
Debug Board #2
Problem with MCP2120
Verify device has power/ground
Try replacing with new MCP2120
Data
appear on
Yes
No
MAX232
R1IN pin?
Data
appear on
Yes
No
MAX232
R1OUT
Verify 3 pin header J4
is jumpered correctly
Verify that the connection from
PC #1 to Board #1 is good.
Try communication with
another serial device
(such as PICSTART Plus).
Ensure jumper JP4 is open
Ensure crystal oscillator is correct
frequency and operating
Ensure Baud Rate is correct
(jumpers JP1, JP2, and JP3)
MAX232 device
It appears that the
is damaged
pin?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com