Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2120 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP2120
Description  DEVELOPER?셎 KIT USER?셎 GUIDE
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2120 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP2120 Datasheet HTML 15Page - Microchip Technology MCP2120 Datasheet HTML 16Page - Microchip Technology MCP2120 Datasheet HTML 17Page - Microchip Technology MCP2120 Datasheet HTML 18Page - Microchip Technology MCP2120 Datasheet HTML 19Page - Microchip Technology MCP2120 Datasheet HTML 20Page - Microchip Technology MCP2120 Datasheet HTML 21Page - Microchip Technology MCP2120 Datasheet HTML 22Page - Microchip Technology MCP2120 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
 2001 Microchip Technology Inc.
DS51246A-page 15
Getting Started
2.3.2.2
Selecting Baud Rate
Figure 2.9 shows the two Baud Rate Select jumpers (JP2:JP1) and the baud
rate. Table 2.2 shows the baud rates for some crystal frequencies.
Figure 2.9: MCP2150 Baud Rate
Table: 2.2 Serial Baud Rate Selection vs. Frequency
BAUD1:BAUD0
Baud Rate @ 11.0592 MHz
Bit Rate
00
9600
FOSC / 1152
01
19200
FOSC / 576
10
57600
FOSC / 192
11
115200
FOSC / 96
These three jumpers select the Baud Rate
JP2:JP1
9600
19200
57600
JP2:JP1
115200
MCP2150 Dev Board
02-01609 Rev. 1
J1
J4
+5VGND
J3
J2
R11
C16
Integrated
Transceiver
R13
JP2 JP1 BAUD
0
0
1
1
0
1
0
1
9600
19200
57600
115200
Component
Transceiver
J8
J7
U5
J6
J5
BT1
C17
D4
C15
CR1
C16 C12
U2
Y1
C1
C4 C2
C3
U1
C10
D7
CD
R2 JP3
(MCP2150)
Open=Enabled
R4
R3
JP2 JP1
C8
C7
D3
R7
Power
C5
U4
R5
C11
R9
R8 D2D5
R1
U3
R6 C13
R14
R10
D1
D6
U6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com