Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2120 Datasheet(PDF) 45 Page - Microchip Technology

Part # MCP2120
Description  DEVELOPER?셎 KIT USER?셎 GUIDE
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2120 Datasheet(HTML) 45 Page - Microchip Technology

Back Button MCP2120 Datasheet HTML 41Page - Microchip Technology MCP2120 Datasheet HTML 42Page - Microchip Technology MCP2120 Datasheet HTML 43Page - Microchip Technology MCP2120 Datasheet HTML 44Page - Microchip Technology MCP2120 Datasheet HTML 45Page - Microchip Technology MCP2120 Datasheet HTML 46Page - Microchip Technology MCP2120 Datasheet HTML 47Page - Microchip Technology MCP2120 Datasheet HTML 48Page - Microchip Technology MCP2120 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
 2001 Microchip Technology Inc.
DS51246A-page 41
MCP2120/MCP2150
USER’S GUIDE
12
Chapter 5. Using a PICDEM™ 1 or PICDEM™ 2 Board
as Host
5.1 Using the PICDEM 1 Board
The PICDEM™ 1 board may be used as the host controller in an IrDA
standard compatible system. PortB can be used to display received
characters, while any of the other ports would be used for the UART and
control signals. A PICmicro® microcontroller may be selected that has a
hardware UART, or the UART functionality may be implemented in software.
Figure 5.1 shows the parts layout (silk-screen) for the PICDEM 1 board.
Figure 5.1: PICDEM 1 Parts Layout
Note 1: U1 is for use with any 40-pin PIC17C4X device.
2: U2 is for use with any 18-pin PIC16C5X, PIC16CXXX device.
3: U3 is for use with any 28-pin PIC16C5X, PIC16CXXX device.
S2
C16
U5
Y2
J2
CR1
J1
U4
R5
R4
R6
R7
R3
R1
R2
C15
C6
J3
C13
C11
C14
C9
C8
C7
C4
C3
C5
C2
C1
RN1
RN2
S3
S1
U2
U3
U1
PICDEM-I
CONNECTION
DIRECT
SUPPLY
+5V PWR
PIC16C54/56/58
PIC16C55/57
PIC16C71/84
PIC17C42
DEMO BOARD
+9V IN
©1993
POT
CH0
RTCC
MCLR
RA1
PORT B
0
1
2
3
4
5
6
7
Y1
®



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com