Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2120 Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP2120
Description  DEVELOPER?셎 KIT USER?셎 GUIDE
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2120 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP2120 Datasheet HTML 18Page - Microchip Technology MCP2120 Datasheet HTML 19Page - Microchip Technology MCP2120 Datasheet HTML 20Page - Microchip Technology MCP2120 Datasheet HTML 21Page - Microchip Technology MCP2120 Datasheet HTML 22Page - Microchip Technology MCP2120 Datasheet HTML 23Page - Microchip Technology MCP2120 Datasheet HTML 24Page - Microchip Technology MCP2120 Datasheet HTML 25Page - Microchip Technology MCP2120 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
MCP2120/MCP2150 USER’S GUIDE
DS51246A-page 18
 2001 Microchip Technology Inc.
2.4.1.
Configuration 1
This is the typical mode that will be used for the two MCP2120 Developer’s
Board. In this configuration, the MCP2120 board receives data as a single
ASCII byte. This byte is then translated to the IR data format, and transmitted
out of the selected optical transceiver logic.
The host interface can be from either the DB-9 (PC or other UART) or the
Header.
A PC running a terminal emulation program, such as Hyperterminal,
connected to the serial port will create this ASCII data stream. The PC can
then be connected to the Developer’s Board DB-9 connector.
2.4.2.
Configuration 2
This is used to view the effects of the IrDA standard stack protocol on the data
stream. This can be used to better understand the construction of the IrDA
standard data packet, or as a diagnostic tool.
The host interface can be from either the DB-9 (PC or other UART) or the
Header.
A PC running a terminal emulation program, such as Hyperterminal,
connected to the IR port as a virtual serial port will create this ASCII data
stream. The PC can then be connected to the MCP2120 Developer’s Board
DB-9 connector.
2.4.3.
Configuration 3
This is the configuration when using one MCP2120 Developer’s Board and
one MCP2150 Developer’s Board.
The MCP2150 Developer’s Board can have the host interface be from either
the DB-9 (PC or other UART) or the Header.
The MCP2120 Developer’s Board would interface to a PC running a terminal
emulation program, such as Hyperterminal, that connects the IR port to a
virtual serial port.
Developer’s Board #1
Developer’s Board #2
MCP2120 Dev Board (ASCII)
↔ MCP2120 Dev Board (ASCII)
Developer’s Board #1
Developer’s Board #2
MCP2120 Dev Board (IR Driver)
→ MCP2120 Dev Board (IR Driver)
Developer’s Board #1
Developer’s Board #2
MCP2150 Dev Board (ASCII)
↔ MCP2120 Dev Board (IR Driver)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com