Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2120 Datasheet(PDF) 46 Page - Microchip Technology

Part # MCP2120
Description  DEVELOPER?셎 KIT USER?셎 GUIDE
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2120 Datasheet(HTML) 46 Page - Microchip Technology

Back Button MCP2120 Datasheet HTML 42Page - Microchip Technology MCP2120 Datasheet HTML 43Page - Microchip Technology MCP2120 Datasheet HTML 44Page - Microchip Technology MCP2120 Datasheet HTML 45Page - Microchip Technology MCP2120 Datasheet HTML 46Page - Microchip Technology MCP2120 Datasheet HTML 47Page - Microchip Technology MCP2120 Datasheet HTML 48Page - Microchip Technology MCP2120 Datasheet HTML 49Page - Microchip Technology MCP2120 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
MCP2120/MCP2150 USER’S GUIDE
DS51246A-page 42
 2001 Microchip Technology Inc.
5.1.1.
Application Notes
There are two Application Notes that show how to use the PICDEM 1 Board
as a Host controller.
AN756, “Using the MCP2120 for Infrared Communication”, DS00756, uses
the MCP2120 Developer’s Board and has two code examples. The first is
using a PIC16F84 with the MCP2120 Developer’s Board in Hardware Baud
mode. In this mode, only two signals need to be interfaced. The RX and TX
signal. The second code example is also using a PIC16F84 with the
MCP2120 Developer’s Board in Software Baud mode. In this mode, four
signals need to be interfaced; RX, TX, MODE, and RTS (used to reset the
MCP2120).
AN758, “Using the MCP2150 to Add IrDA Standard Wireless Connectivity”,
DS00758, uses the MCP2150 Developer’s Board and has one code example.
For this application, seven signals need to be interfaced; RX, TX, DSR, DTR,
CTS, RTS, and CD.
5.1.2.
For Additional PICDEM 1 Information
Additional information can located on the Microchip web site
(www.microchip.com). Information on Microchip Development Tools can be
located by using the Navigate window and selecting Developer’s Tool Box >
Development Tools.
The PICDEM 1 User’s Guide literature number is DS33015, and the
PICDEM 1 kit can be ordered with Part Number DM163001.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com