Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2120 Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP2120
Description  DEVELOPER?셎 KIT USER?셎 GUIDE
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2120 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP2120 Datasheet HTML 14Page - Microchip Technology MCP2120 Datasheet HTML 15Page - Microchip Technology MCP2120 Datasheet HTML 16Page - Microchip Technology MCP2120 Datasheet HTML 17Page - Microchip Technology MCP2120 Datasheet HTML 18Page - Microchip Technology MCP2120 Datasheet HTML 19Page - Microchip Technology MCP2120 Datasheet HTML 20Page - Microchip Technology MCP2120 Datasheet HTML 21Page - Microchip Technology MCP2120 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
MCP2120/MCP2150 USER’S GUIDE
DS51246A-page 14
 2001 Microchip Technology Inc.
2.3.2.1
Selecting UART Source and Optical Transceiver
Interface
Figure 2.8 shows two sets of jumpers used to route signals to and from the
MCP2150.
Jumpers J2, J3 and J4 are used to determine the source of the signals used
by the UART interface. When the header has the pins closest to the “DB9”
label jumpered to the center pin, the DB9 is the source of the UART signal.
When the header has the pins closest to the “Header” label jumpered to the
center pin, the four-pin header is the source of the UART signal.
Jumpers J7 and J8 are used to determine the source and destination of the
IrDA signals used by the interface between the MCP2150 and Optical
Transceiver. When the header has the pins closest to the “Integrated
Transceiver” label jumpered to the center pin, the integrated transceiver is
used. When the header has the pins closest to the “Component Transceiver”
label jumpered to the center pin, the component transceiver logic is used.
Figure 2.8: MCP2150 Selecting Sources
These three jumpers select the
source of the Host signals.
Header is source.
DB9 is source.
J2, J3 and J4
These two jumpers select the
optical transceiver logic. Both jumpers
Component Transceiver
Integrated Transceiver
J7 and J8
should connect the same pin positions
MCP2150 Dev Board
02-01609 Rev. 1
J1
J4
+5VGND
J3
J2
R11
C16
Integrated
Transceiver
R13
JP2 JP1 BAUD
0
0
1
1
0
1
0
1
9600
19200
57600
115200
Component
Transceiver
J8
J7
U5
J6
J5
BT1
C17
D4
C15
CR1
C16 C12
U2
Y1
C1
C4 C2
C3
U1
C10
D7
CD
R2 JP3
(MCP2150)
Open=Enabled
R4
R3
JP2 JP1
C8
C7
D3
R7
Power
C5
U4
R5
C11
R9
R8 D2D5
R1
U3
R6 C13
R14
R10
D1
D6
U6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com