Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2120 Datasheet(PDF) 49 Page - Microchip Technology

Part # MCP2120
Description  DEVELOPER?셎 KIT USER?셎 GUIDE
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2120 Datasheet(HTML) 49 Page - Microchip Technology

Back Button MCP2120 Datasheet HTML 45Page - Microchip Technology MCP2120 Datasheet HTML 46Page - Microchip Technology MCP2120 Datasheet HTML 47Page - Microchip Technology MCP2120 Datasheet HTML 48Page - Microchip Technology MCP2120 Datasheet HTML 49Page - Microchip Technology MCP2120 Datasheet HTML 50Page - Microchip Technology MCP2120 Datasheet HTML 51Page - Microchip Technology MCP2120 Datasheet HTML 52Page - Microchip Technology MCP2120 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
 2001 Microchip Technology Inc.
DS51246A-page 45
MCP2120/MCP2150
USER’S GUIDE
12
Appendix A. Hardware Detail
The MCP2120/MCP2150 Developer’s Board hardware is intended to illustrate
the ease of use of Microchip’s infrared data communication solutions. The
Developer’s Board features the following hardware elements:
A.1 Power Supply
There are three ways to supply power to the MCP2120/MCP2150
Developer’s Board:
• A 9V battery can be plugged into BT1.
• A 9V, 750 mA unregulated AC or DC supply can be plugged into J5.
• A +5V, 750 mA regulated DC supply can be connected to the two pins
provided, labled +5V and GND. A pair of 18” (45 cm) cables are pro-
vided to allow one board to power another.
A.2 Power Indicator
One green LED indicates whether there is power applied to the MCP2120 and
MCP2150 Developer Boards (LED lit) or not (LED off).
A.3 RS-232 Serial Port
A.3.1
MCP2120 Developer’s Board
A MAX232 compatible level shifting IC has been provided with all necessary
hardware to support connection of an RS-232 host through the DB-9
connector. The port can be connected to a PC using a straight through cable.
Refer to the MCP2120 Data Sheet for more information.
A.3.2
MCP2150 Developer’s Board
A MAX3238E compatible level shifting IC has been provided with all
necessary hardware to support connection of a RS-232 host through the
DB-9 connector. The port can be connected to a PC using a straight through
cable. Refer to the MCP2120 Data Sheet (DS21618) for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com