Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2120 Datasheet(PDF) 52 Page - Microchip Technology

Part # MCP2120
Description  DEVELOPER?셎 KIT USER?셎 GUIDE
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2120 Datasheet(HTML) 52 Page - Microchip Technology

Back Button MCP2120 Datasheet HTML 48Page - Microchip Technology MCP2120 Datasheet HTML 49Page - Microchip Technology MCP2120 Datasheet HTML 50Page - Microchip Technology MCP2120 Datasheet HTML 51Page - Microchip Technology MCP2120 Datasheet HTML 52Page - Microchip Technology MCP2120 Datasheet HTML 53Page - Microchip Technology MCP2120 Datasheet HTML 54Page - Microchip Technology MCP2120 Datasheet HTML 55Page - Microchip Technology MCP2120 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
MCP2120/MCP2150 USER’S GUIDE
DS51246A-page 48
 2001 Microchip Technology Inc.
A.5 Oscillator Options
The MCP2120 can be operated at different frequencies, while the MCP2150
only operates at a single fixed frequency.
A.5.1
MCP2120 Developer’s Board
The MCP2120 Developer’s Board crystal has pin receptacles so that crystal
frequencies can easily be changed. Table A.1 shows the baud rates for a
given crystal frequency, based on the state of the BAUD2:BAUD0 pins.
Table A.1: Crystal Frequency / Baud Rate
A.5.2
MCP2150 Developer’s Board
The MCP2150 Developer’s Board requires a fixed frequency crystal
(11.0592 MHz).
Table A.2: Crystal Frequency / Baud Rate
BAUD2:BAUD0
Bit Rate
FOSC Frequency (MHz)
0.6144 (1)
2.000
3.6864
4.9152
7.3728
14.7456 (2) 20.000 (2)
000
FOSC / 768
800
2604
4800
6400
9600
19200
26042
001
FOSC / 384
1600
5208
9600
12800
19200
38400
52083
010
FOSC / 192
3200
10417
19200
25600
38400
78600
104167
011
FOSC / 128
4800
15625
28800
38400
57600
115200
156250
100
FOSC / 64
9600
31250
57600
78600
115200
230400
312500
Note 1:
An external clock is recommended for frequencies below 2 MHz.
Note 2:
For frequencies above 7.5 MHz, the TXIR pulse width (
MCP2120 Data Sheet electrical specification
parameter IR121) will be shorter than the minimum pulse width of 1.6 µs in the IrDA standard specifica-
tion.
BAUD1:BAUD0
Bit Rate
FOSC Frequency -
11.0592 MHz
00
FOSC / 1152
9600
01
FOSC / 576
19200
10
FOSC / 192
57600
11
FOSC / 96
115200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com