Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C54-LPI/SS Datasheet(PDF) 104 Page - Microchip Technology

Part # PIC16C54-LPI/SS
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54-LPI/SS Datasheet(HTML) 104 Page - Microchip Technology

Back Button PIC16C54-LPI/SS Datasheet HTML 100Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 101Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 102Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 103Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 104Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 105Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 106Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 107Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 217 page
background image
PIC16C5X
PIC16C54A
DS30453B-page 104
Preliminary
© 1998 Microchip Technology Inc.
TABLE 14-1:
CROSS REFERENCE OF DEVICE SPECS FOR OSCILLATOR CONFIGURATIONS
AND FREQUENCIES OF OPERATION (COMMERCIAL DEVICES)
OSC
PIC16C54A-04
PIC16C54A-10
PIC16C54A-20
PIC16LC54A-04
RC
VDD: 3.0V to 6.25V
IDD:
2.4 mA max. at
5.5V
IPD:
4.0
µA max. at
3.0V WDT dis
Freq: 4 MHz max.
VDD: 3.0V to 6.25V
IDD:
1.7 mA typ. at
5.5V
IPD:
0.25
µA typ. at
3.0V WDT dis
Freq: 4.0 MHz max.
VDD: 3.0V to 6.25V
IDD:
1.7 mA typ. at
5.5V
IPD:
0.25
µA typ. at
3.0V WDT dis
Freq: 4.0 MHz max.
VDD: 3.0V to 6.25V
IDD:
0.5 mA typ. at
5.5V
IPD:
0.25
µA typ. at
3.0V WDT dis
Freq: 4.0 MHz max.
XT
VDD: 3.0V to 6.25V
IDD
2.4 mA max. at
5.5V
IPD:
4.0
µA max. at
3.0V WDT dis
Freq: 4 MHz max.
VDD: 3.0V to 6.25V
IDD:
1.7 mA typ. at
5.5V
IPD:
0.25
µA typ. at
3.0V WDT dis
Freq: 4.0 MHz max.
VDD: 3.0V to 6.25V
IDD:
1.7 mA typ. at
5.5V
IPD:
0.25
µA typ. at
3.0V WDT dis
Freq: 4.0 MHz max.
VDD: 3.0V to 6.25V
IDD:
0.5 mA typ. at
5.5V
IPD:
0.25
µA typ. at
3.0V WDT dis
Freq: 4.0 MHz max.
HS
N/A
VDD: 4.5V to 5.5V
IDD:
8.0 mA max. at
5.5V
IPD:
4.0
µA max. at
3.0V WDT dis
Freq: 10 MHz max.
VDD: 4.5V to 5.5V
IDD:
16 mA max. at
5.5V
IPD:
4.0
µA max. at
3.0V WDT dis
Freq: 20 MHz max.
Do not use in
HS mode
LP
VDD: 3.0V to 6.25V
IDD:
14
µA typ. at
32kHz, 3.0V
IPD:
0.25
µA typ. at
3.0V WDT dis
Freq: 200 kHz max.
Do not use in
LP mode
Do not use in
LP mode
VDD: 2.5V to 6.25V
IDD:
27
µA max. at
32kHz, 2.5V
WDT dis
IPD:
4.0
µA max. at
2.5V WDT dis
Freq: 200 kHz max.
The shaded sections indicate oscillator selections which should work by design, but are not
tested. It is recommended that the user select the device type from information in unshaded
sections.
OSC
PIC16C54A/JW
PIC16LV54A-02
RC
VDD: 3.0V to 6.25V
IDD:
2.4 mA max. at
5.5V
IPD:
4.0
µA max. at
3.0V WDT dis
Freq: 4.0 MHz max.
VDD: 2.0V to 3.8V
IDD:
0.5 mA typ. at
3.0V
IPD:
0.25
µA typ. at
3.0V WDT dis
Freq: 2.0 MHz max.
XT
VDD: 3.0V to 6.25V
IDD
2.4 mA max. at
5.5V
IPD:
4.0
µA max. at
3.0V WDT dis
Freq: 4.0 MHz max.
VDD: 2.0V to 3.8V
IDD:
0.5 mA typ. at
3.0V
IPD:
0.25
µA typ. at
3.0V WDT dis
Freq: 2.0 MHz max.
HS
VDD: 4.5V to 5.5V
IDD:
8 mA max. at
5.5V
IPD:
4.0
µA max. at
3.0V WDT dis
Freq: 10 MHz max.
Do not use in
HS mode
LP
VDD: 2.5V to 6.25V
IDD:
27
µA max. at
32kHz, 2.5V
WDT dis
IPD:
4.0
µA max. at
2.5V WDT dis
Freq: 200 kHz max.
VDD: 2.0V to 3.8V
IDD:
27
µA max. at
32kHz, 2.5V
WDT dis
IPD:
4.0
µA max. at
2.5V WDT dis
Freq: 200 kHz max.
The shaded sections indicate oscillator selections
which should work by design, but are not tested. It
is recommended that the user select the device
type from information in unshaded sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com