Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C54-LPI/SS Datasheet(PDF) 106 Page - Microchip Technology

Part # PIC16C54-LPI/SS
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54-LPI/SS Datasheet(HTML) 106 Page - Microchip Technology

Back Button PIC16C54-LPI/SS Datasheet HTML 102Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 103Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 104Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 105Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 106Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 107Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 108Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 109Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 110Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 217 page
background image
PIC16C5X
PIC16C54A
DS30453B-page 106
Preliminary
© 1998 Microchip Technology Inc.
14.2
DC Characteristics: PIC16C54A-04E, 10E, 20E (Extended)
DC Characteristics
Power Supply Pins
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
–40
°C ≤ TA ≤ +125°C (extended)
Characteristic
Sym
Min
Typ(1) Max Units
Conditions
Supply Voltage
XT and RC options
HS option
VDD
3.5
4.5
—
—
5.5
5.5
V
V
RAM Data Retention Voltage(2)
VDR
—
1.5*
—
V
Device in SLEEP mode
VDD start voltage to ensure
Power-On Reset
VPOR
—VSS
—
V
See Section 7.4 for details on
Power-on Reset
VDD rise rate to ensure
Power-On Reset
SVDD
0.05*
—
—
V/ms See Section 7.4 for details on
Power-on Reset
Supply Current(3)
XT and RC(4) options
HS option
IDD
—
—
—
1.8
4.8
9.0
3.3
10
20
mA
mA
mA
FOSC = 4.0 MHz, VDD = 5.5V
FOSC = 10 MHz, VDD = 5.5V
FOSC = 20 MHz, VDD = 5.5V
Power Down Current(5)
XT and RC options
HS option
IPD
—
—
—
—
5.0
0.8
4.0
0.25
22
18
22
18
µA
µA
µA
µA
VDD = 3.5V, WDT enabled
VDD = 3.5V, WDT disabled
VDD = 3.5V, WDT enabled
VDD = 3.5V, WDT disabled
* These parameters are characterized but not tested.
Note 1: Data in the Typical (“Typ”) column is based on characterization results at 25
°C.This data is for design guidance
only and is not tested.
2: This is the limit to which VDD can be lowered in SLEEP mode without losing RAM data.
3: The supply current is mainly a function of the operating voltage and frequency. Other factors such as bus
loading, oscillator type, bus rate, internal code execution pattern, and temperature also have an impact on
the current consumption.
a) The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail-to-rail; all I/O pins tristated, pulled to
Vss, T0CKI = VDD, MCLR = VDD; WDT enabled/disabled as specified.
b) For standby current measurements, the conditions are the same, except that
the device is in SLEEP mode.
4: Does not include current through Rext. The current through the resistor can be estimated by the
formula: IR = VDD/2Rext (mA) with Rext in k
Ω.
5: The power down current in SLEEP mode does not depend on the oscillator type. Power down current is
measured with the part in SLEEP mode, with all I/O pins in hi-impedance state and tied to VDD and VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com