Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C54-LPI/SS Datasheet(PDF) 112 Page - Microchip Technology

Part # PIC16C54-LPI/SS
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54-LPI/SS Datasheet(HTML) 112 Page - Microchip Technology

Back Button PIC16C54-LPI/SS Datasheet HTML 108Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 109Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 110Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 111Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 112Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 113Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 114Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 115Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 116Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 217 page
background image
PIC16C5X
PIC16C54A
DS30453B-page 112
Preliminary
© 1998 Microchip Technology Inc.
1TOSC
External CLKIN Period
(2)
250
—
—
ns
XT osc mode
500
—
—
ns
XT osc mode (PIC16LV54A)
250
—
—
ns
HS osc mode (04)
100
—
—
ns
HS osc mode (10)
50
—
—
ns
HS osc mode (20)
5.0
—
—
µs
LP osc mode
Oscillator Period
(2)
250
—
—
ns
RC osc mode
500
—
—
ns
RC osc mode (PIC16LV54A)
250
—
10,000
ns
XT osc mode
500
—
—
ns
XT osc mode (PIC16LV54A)
250
—
250
ns
HS osc mode (04)
100
—
250
ns
HS osc mode (10)
50
—
250
ns
HS osc mode (20)
5.0
—
200
µs
LP osc mode
2TCY
Instruction Cycle Time
(3)
—
4/FOSC
——
3
TosL, TosH
Clock in (OSC1) Low or High Time
85*
—
—
ns
XT oscillator
20*
—
—
ns
HS oscillator
2.0*
—
—
µs
LP oscillator
4
TosR, TosF Clock in (OSC1) Rise or Fall Time
—
—
25*
ns
XT oscillator
—
—
25*
ns
HS oscillator
—
—
50*
ns
LP oscillator
TABLE 14-2:
EXTERNAL CLOCK TIMING REQUIREMENTS - PIC16C54A (CON’T)
AC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
0
°C ≤ TA ≤ +70°C (commercial)
–40
°C ≤ TA ≤ +85°C (industrial)
–20
°C ≤ TA ≤ +85°C (industrial - PIC16LV54A-02I)
–40
°C ≤ TA ≤ +125°C (extended)
Operating Voltage VDD range is described in Section 14.1, Section 14.2 and Section 14.3.
Parameter
No.
Sym
Characteristic
Min
Typ
(1)
Max
Units
Conditions
*
These parameters are characterized but not tested.
Note 1:
Data in the Typical (“Typ”) column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
2:
All specified values are based on characterization data for that particular oscillator type under standard operating condi-
tions with the device executing code. Exceeding these specified limits may result in an unstable oscillator operation and/or
higher than expected current consumption.
When an external clock input is used, the “max” cycle time limit is “DC” (no clock) for all devices.
3:
Instruction cycle period (TCY) equals four times the input oscillator time base period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com